Electronic Components Datasheet Search
  English  ▼

X  

32180 Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # 32180
Description  32-Bit RISC Single-Chip Microcomputers M32R Family M32R/ECU Series
PDF  839 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32180 Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button 32180 Datasheet HTML 39Page - Renesas Technology Corp 32180 Datasheet HTML 40Page - Renesas Technology Corp 32180 Datasheet HTML 41Page - Renesas Technology Corp 32180 Datasheet HTML 42Page - Renesas Technology Corp 32180 Datasheet HTML 43Page - Renesas Technology Corp 32180 Datasheet HTML 44Page - Renesas Technology Corp 32180 Datasheet HTML 45Page - Renesas Technology Corp 32180 Datasheet HTML 46Page - Renesas Technology Corp 32180 Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 839 page
background image
2
2-6
32180 Group User’s Manual (Rev.1.0)
CPU
26
CU
0: No underflow exception occurred
R (Note 3)
Underflow Exception Cause Bit
1: An underflow exception occurred. When the bit is set to "1",
the execution of an FPU operation instruction will clear it to "0".
27
CZ
0: No zero divide exception occurred.
R (Note 3)
Zero Divide Exception Cause Bit
1: A zero divide exception occurred. When the bit is set to "1",
the execution of an FPU operation instruction will clear it to "0".
28
CO
0: No overflow exception occurred.
R (Note 3)
Overflow Exception Cause Bit
1: An overflow exception occurred. When the bit is set to "1",
the execution of an FPU operation instruction will clear it to "0".
29
CV
0: No invalid operation exception occurred.
R (Note 3)
Invalid Operation Exception Cause Bit
1: An invalid operation exception occurred. When the bit is set to "1",
the execution of an FPU operation instruction will clear it to "0".
30, 31
RM
00: Round to nearest
R
W
Rounding Mode Selection Bit
01: Round toward Zero
10: Round toward + Infinity
11: Round toward – Infinity
Note 1: The phrase “If EIT processing unexecuted” means whenever one of the exceptions occurs, enable bits 17 to 21 are set to
"0" which masks the EIT processing so that it cannot be executed. If two exceptions occur at the same time and their
corresponding exception enable bits are set differently (one enabled, and the other masked), EIT processing is executed. In
this case, these two flags do not change state regardless of the enable bits settings.
Note 2: If a denormalized number is given to the operand when DN = "0", an unimplemented exception occurs.
Note 3: This bit is cleared by writing "0". Writing "1" has no effect (the bit retains the value it had before the write).
2.3 Control Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com