Electronic Components Datasheet Search
  English  ▼

X  

32180 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # 32180
Description  32-Bit RISC Single-Chip Microcomputers M32R Family M32R/ECU Series
PDF  839 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32180 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button 32180 Datasheet HTML 36Page - Renesas Technology Corp 32180 Datasheet HTML 37Page - Renesas Technology Corp 32180 Datasheet HTML 38Page - Renesas Technology Corp 32180 Datasheet HTML 39Page - Renesas Technology Corp 32180 Datasheet HTML 40Page - Renesas Technology Corp 32180 Datasheet HTML 41Page - Renesas Technology Corp 32180 Datasheet HTML 42Page - Renesas Technology Corp 32180 Datasheet HTML 43Page - Renesas Technology Corp 32180 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 839 page
background image
2
2-3
32180 Group User’s Manual (Rev.1.0)
CPU
2.3 Control Registers
2.3.1 Processor Status Word Register: PSW (CR0)
0000
0
00
0
0
0
0
0
0
0
7
6
5
4
3
2
1
8
9
10
11
12
13
14
b15
b0
?
?
00000?00000000
BC
SM
IE
C
23
24
25
26
27
28
29
30
b31
17
18
19
20
21
22
b16
BIE
BSM
BPSW field
0
0
PSW field
<After reset: B’0000 0000 0000 0000 ??00 000? 0000 0000>
b
Bit Name
Function
R
W
0–15
No function assigned. Fix to "0".
00
16
BSM
Saves value of SM bit when EIT occurs
R
W
Backup SM Bit
17
BIE
Saves value of IE bit when EIT occurs
R
W
Backup IE Bit
18–22
No function assigned. Fix to "0".
00
23
BC
Saves value of C bit when EIT occurs
R
W
Backup C Bit
24
SM
0: Uses R15 as the interrupt stack pointer
R
W
Stack Mode Bit
1: Uses R15 as the user stack pointer
25
IE
0: Does not accept interrupt
R
W
Interrupt Enable Bit
1: Accepts interrupt
26–30
No function assigned. Fix to "0".
00
31
C
Indicates carry, borrow or overflow resulting
R
W
Condition Bit
from operations (instruction dependent)
The Processor Status Word Register (PSW) indicates the M32R-FPU status. It consists of the current PSW field
which is regularly used, and the BPSW field where a copy of the PSW field is saved when EIT occurs.
The PSW field consists of the Stack Mode (SM) bit, the Interrupt Enable (IE) bit and the Condition (C) bit.
The BPSW field consists of the Backup Stack Mode (BSM) bit, the Backup Interrupt Enable (BIE) bit and the
Backup Condition (BC) bit.
After reset, BSM, BIE and BC are undefined. All other bits are "0".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com