| Electronic Components Datasheet Search |
|
32180 Datasheet(PDF) 55 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
32180 Datasheet(HTML) 55 Page - Renesas Technology Corp |
|
55 / 839 page ![]() 3 3-4 ADDRESS SPACE 32180 Group User’s Manual (Rev.1.0) 3.2 Operation Modes The microcomputer is placed in one of the following modes depending on how CPU operation mode is set by MOD0 and MOD1 pins. The operation mode used for rewriting the internal flash memory is described separately in Section 6.5, “Programming the Internal Flash Memory.” Table 3.2.1 Operation Mode Settings MOD0 MOD1 Operation mode (Note 2) VSS VSS Single-chip mode VSS VCCE External extension mode VCCE VSS Processor mode (FP = VSS) VCCE VCCE Reserved (use inhibited) Note 1: Connect VCCE and VSS to the VCCE input power supply and ground, respectively. Note 2: For the operation mode used to rewrite the internal flash memory (FP = VCCE) which is not shown in the above table, see Section 6.5, “Programming the Internal Flash Memory.” The internal ROM and extended external areas are located differently depending on how operation mode is set. (All other areas in the address space are located the same way.) The diagram below shows how the internal ROM and extended external areas are mapped into the address space in each operation mode. (For flash rewrite mode, see Section 6.5, “Programming the Internal Flash Memory.”) 3.2 Operation Modes Figure 3.2.1 Internal ROM and Extended External Area Address Mapping of the M32180F8 in Each Operation Mode CS0 area CS0 area CS1 area CS2 area CS3 area CS1 area CS2 area CS3 area <Single-chip mode> <External extension mode> <Processor mode> Non-CS0 area H'0000 0000 H'000F FFFF H'0010 0000 H'001F FFFF H'0020 0000 H'003F FFFF H'0040 0000 H'005F FFFF H'007F FFFF H'0060 0000 Internal ROM area (1 Mbytes) Internal ROM area (1 Mbytes) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |