Electronic Components Datasheet Search
  English  ▼

X  

7733 Datasheet(PDF) 363 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 363 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 359Page - Renesas Technology Corp 7733 Datasheet HTML 360Page - Renesas Technology Corp 7733 Datasheet HTML 361Page - Renesas Technology Corp 7733 Datasheet HTML 362Page - Renesas Technology Corp 7733 Datasheet HTML 363Page - Renesas Technology Corp 7733 Datasheet HTML 364Page - Renesas Technology Corp 7733 Datasheet HTML 365Page - Renesas Technology Corp 7733 Datasheet HTML 366Page - Renesas Technology Corp 7733 Datasheet HTML 367Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 363 / 940 page
background image
represents that bits 0 to 2 and bits 4 to 7 are not used for software reset.
functions as a
output pin.)
RESET
7733 Group User’s Manual
13–12
Bit
Bit name
Functions
At reset
RW
0
1
2
3
4
5
6
7
Processor mode bits
Wait bit
Software reset bit
Must be fixed to “0.”
Clock
1
output selection bit
(Note 2)
0
0
0
0
0
0
0 0: Single-chip mode
0 1: Memory expansion mode
1 0: Microprocessor mode
1 1: Do not select.
0: Software wait is inserted when
accessing external area.
1: No software wait is inserted
when accessing external area.
Microcomputer is reset by
setting this bit to “1.”
This bit is “0” at reading.
0 0: 7 cycles of
0 1: 4 cycles of
1 0: 2 cycles of
1 1: Do not select.
0: Clock
1
output is disabled.
(P4
programmable I/O port.)
1: Clock
1
output is enabled.
(Port P4 2 functions as a clock
1
0
0
b1 b0
b5 b4
Processor mode register 0 (address 5E 16)
(Note 1)
Notes 1:
When the Vcc-level voltage is applied to pin CNVss, this bit is set to “1” after reset.
(At reading, this bit is always “1.”)
This bit is ignored in the microprocessor mode. (It may be “0” or “1.”)
3:
b1
b0
b2
b3
b4
b5
b6
b7
0
RW
RW
RW
WO
RW
RW
RW
RW
Interrupt priority detection
time selection bits
13.2 Software reset
13.2 Software reset
When the power source voltage satisfies the recommended operating conditions and the main clock is stably
supplied (Note), the microcomputer is reset by writing “1” to the software reset bit (bit 3 at address 5E16).
(This is called “Software reset.”) In this case, the microcomputer initializes pins, CPU, and SFR area as in
the case of a hardware reset. However, the microcomputer retains the contents of the internal RAM area.
(Refer to Table 13.1.1 and Figures 13.1.2. to 13.1.6.)
After completing initialization, the microcomputer performs “internal processing sequence after reset.” (Refer
to Figure 13.1.7.) Then, a program is executed beginning with the address set in the reset vector addresses
(addresses FFFE16 and FFFF16).
Note: This means “when a oscillator is stably oscillating or when an external clock is stably input from pin
XIN.” For clocks, refer to chapter “14. CLOCK GENERATING CIRCUIT.”
Fig. 13.2.1 Structure of processor mode register 0
2
2:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com