Electronic Components Datasheet Search
  English  ▼

X  

7733 Datasheet(PDF) 864 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 864 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 860Page - Renesas Technology Corp 7733 Datasheet HTML 861Page - Renesas Technology Corp 7733 Datasheet HTML 862Page - Renesas Technology Corp 7733 Datasheet HTML 863Page - Renesas Technology Corp 7733 Datasheet HTML 864Page - Renesas Technology Corp 7733 Datasheet HTML 865Page - Renesas Technology Corp 7733 Datasheet HTML 866Page - Renesas Technology Corp 7733 Datasheet HTML 867Page - Renesas Technology Corp 7733 Datasheet HTML 868Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 864 / 940 page
background image
RESET
7736 Group User’s Manual
13–2
Concerning chapter “RESET,” the 7736 Group differs from the 7733 Group in the following section.
Therefore, only the differences are described in this chapter:
• “13.1 Hardware reset”
The following section of the 7736 Group is the same as that of the 7733 Group. Therefore, for this section,
refer to part 1:
• “13.2 Software reset” (page 13-12 in part 1)
13.1 Hardware reset
Concerning section “13.1 Hardware reset,” the 7736 Group differs from the 7733 Group in the following:
• Table 13.1.1
• Figure 13.1.6 for external bus mode B (Note)
The other description is the same as that of the 7733 Group. Therefore, refer to part 1:
• “13.1 Hardware reset” (page 13-2 in part 1)
Note: In external bus mode A, Figure 13.1.6 of the 7736 Group is the same as that of the 7733 Group.
13.1 Hardware reset
Mask ROM version
Built-in PROM
version
Pin CNVss’s level
Vss or Vcc
Vss
Vss
Pin state
Floating
“H” level is output.
Floating
“H” level is output.
Floating
•Floating when “H” level is applied
to both or one of pins P51 and P52
•“H” or “L” level is output when
“L” level is applied to both of pins
P51 and P52.
“H” level is output.
______
Table 13.1.1 Pin state while pin RESET is at “L” level
Pin (Port) name
P0 to P10
_ ____
E/RDE
P0 to P10
_ ____
E/RDE
P0, P1, P3 to P10
P2
_ ____
E/RDE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com