Electronic Components Datasheet Search
  English  ▼

X  

7733 Datasheet(PDF) 171 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 171 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 167Page - Renesas Technology Corp 7733 Datasheet HTML 168Page - Renesas Technology Corp 7733 Datasheet HTML 169Page - Renesas Technology Corp 7733 Datasheet HTML 170Page - Renesas Technology Corp 7733 Datasheet HTML 171Page - Renesas Technology Corp 7733 Datasheet HTML 172Page - Renesas Technology Corp 7733 Datasheet HTML 173Page - Renesas Technology Corp 7733 Datasheet HTML 174Page - Renesas Technology Corp 7733 Datasheet HTML 175Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 940 page
background image
TIMER B
7733 Group User’s Manual
7–8
7.2.5 Port P6 direction register
I/O pins of timer Bi are multiplexed with port P6. When using these pins as timer Bi’s input pins, set the
corresponding bits of the port P6 direction register to “0” in order to set these ports for the input mode.
Figure 7.2.5 shows the relationship between the port P6 direction register and the timer Bi’s input pins.
Fig. 7.2.5 Relationship between port P6 direction register and timer Bi’s input pins
At reset
Bit
Corresponding pin name
Functions
0
1
2
3
4
5
6
7
Pin P60/TA4OUT
Pin P62/INT0
Pin P63/INT1
Pin P64/INT2
Pin P66/TB1IN
Pin P65/TB0IN
Port P6 direction register (address 1016)
b1
b0
b2
b3
b4
b5
b6
b7
Pin P61/TA4IN
Pin P67/TB2IN/
SUB
0
0
0
0
0
0
0
0
0: Input mode
1: Output mode
When using these pins as
timer Bi’s input pins, set
the corresponding bits to
“0.”
represents that bits 0 to 4 are not used for timer B.
RW
RW
RW
RW
RW
RW
RW
RW
RW
7.2 Block description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com