Electronic Components Datasheet Search
  English  ▼

X  

7733 Datasheet(PDF) 221 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 221 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 217Page - Renesas Technology Corp 7733 Datasheet HTML 218Page - Renesas Technology Corp 7733 Datasheet HTML 219Page - Renesas Technology Corp 7733 Datasheet HTML 220Page - Renesas Technology Corp 7733 Datasheet HTML 221Page - Renesas Technology Corp 7733 Datasheet HTML 222Page - Renesas Technology Corp 7733 Datasheet HTML 223Page - Renesas Technology Corp 7733 Datasheet HTML 224Page - Renesas Technology Corp 7733 Datasheet HTML 225Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 221 / 940 page
background image
SERIAL I/O
7733 Group User’s Manual
8–18
At reset
Bit
7 to 4
Not implemented.
3
Interrupt request bit
2
1
0
Interrupt priority level selection
bits
Bit name
Un-
defined
0
(Note)
0
0
0
—
RW
Functions
0 0 0: Level 0 (Interrupt is disabled.)
0 0 1: Level 1
Priority is low.
0 1 0: Level 2
0 1 1: Level 3
1 0 0: Level 4
1 0 1: Level 5
1 1 0: Level 6
1 1 1: Level 7
Priority is high.
b2 b1 b0
0: No interrupt has occurred.
1: Interrupt has occurred.
b7
b6
b5
b4
b3
b2
b1
b0
A-D/UART2 trans./rece. interrupt control register (address 70 16)
UART0 transmission interrupt control register (address 71 16)
UART0 receive interrupt control register (address 72 16)
UART1 transmission interrupt control register (address 73 16)
UART1 receive interrupt control register (addresses 74 16)
RW
RW
RW
RW
Note: When the UART2 function is selected, bit 3 of the A-D conversion/UART2 trans./rece. interrupt
control register is set to “1.”
Accordingly, before enabling interrupts, write value “0” to this bit.
8.2.8 Interrupt control register related to UARTi
When UARTi is used, the following interrupts can be used: UARTi transmission interrupt and UARTi
reception interrupt. Each interrupt has its corresponding interrupt control register. However, in UART2, an
interrupt for transmission and an interrupt for reception are controlled with the same register. Figure 8.2.15
shows the structure of interrupt control registers related to UARTi.
For details about interrupts, refer to chapter “4 Interrupts.”
The UART2 transmission/reception interrupt and the A-D conversion interrupt share the same interrupt
vector addresses and interrupt control register.
Switching between the A-D conversion interrupt and the UART2 transmission/reception interrupt is performed
with bits 2 to 0 of the UART2 transmission/reception mode register. (Refer to Figure 8.2.3.)
8.2 Block description
Fig. 8.2.15 Structure of interrupt control registers related to UARTi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com