Electronic Components Datasheet Search
  English  ▼

X  

7733 Datasheet(PDF) 223 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 223 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 219Page - Renesas Technology Corp 7733 Datasheet HTML 220Page - Renesas Technology Corp 7733 Datasheet HTML 221Page - Renesas Technology Corp 7733 Datasheet HTML 222Page - Renesas Technology Corp 7733 Datasheet HTML 223Page - Renesas Technology Corp 7733 Datasheet HTML 224Page - Renesas Technology Corp 7733 Datasheet HTML 225Page - Renesas Technology Corp 7733 Datasheet HTML 226Page - Renesas Technology Corp 7733 Datasheet HTML 227Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 940 page
background image
SERIAL I/O
7733 Group User’s Manual
8–20
8.2.9 Ports P7 and P8 direction registers
I/O pins of UARTi are multiplexed with ports P7 and P8. When using the P74, P82 and P86 pins as serial
data input pins (RxDi), set the corresponding bits of the ports P7 and P8 direction registers to “0” to set
_____
these ports for the input mode. When using the P72 pin as the CTS2 input pin, set bit 2 of the port P7
direction register to “0” to set this port for the input mode. When using the P73, P75, P80, P81, P83–P85,
_________ _________
and P87 pins as UARTi’s I/O pins (CTSi/RTSi, CLKi, TxDi), these pins are forcibly set as the UARTi’s I/O
pins, regardless of the ports P7 and P8 direction register’s contents. Also, as for CLKS0 and CLKS1, refer
to section “8.3.1 (4) Number of transfer clock output pins (UART0).” Figure 8.2.16 shows the relationship
between the ports P7, P8 direction registers and UARTi’s I/O pins.
Note that the functions of the UARTi’s I/O pins can be switched by software. For details, refer to the
description of each operating mode.
8.2 Block description
Bit
Corresponding pin name
Functions
0
1
2
3
4
5
6
7
Pin P74/AN4/RxD2
Pin P76/AN6/XCOUT
0: Input mode
1: Output mode
When using pin P72 as
the CTS2 input pin and
using pin P74 as serial
data’s input pin (RxD2),
set the corresponding
bit to “0.”
Pin P75/AN5/ADTRG/TxD2
Port P7 direction register (address 1116)
b1
b0
b2
b3
b4
b5
b6
b7
Pin P70/AN0
Pin P72/AN2/CTS2
Pin P73/AN3/CLK2
Pin P71/AN1
Pin P77/AN7/XCIN
At reset
RW
0
0
0
0
0
0
0
0
0
1
2
3
4
5
6
7
Pin P80/CTS0/RTS0/CLKS1
Pin P82/RxD0/CLKS0
Pin P83/TxD0
Pin P84/CTS1/RTS1
Pin P86/RxD1
Pin P85/CLK1
Port P8 direction register (address 1416)
b1
b0
b2
b3
b4
b5
b6
b7
Pin P81/CLK0
Pin P87/TxD1
RW
0
0
0
0
0
0
0
0
Not used for serial I/O
Corresponding pin name
Functions
Bit
At reset
0: Input mode
1: Output mode
When using pins P82
and P86 as serial data’s
input pins (RxD0, RxD1),
set the corresponding
bits to “0.”
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Note: For pins CLKS0 and CLKS1, refer to section “8.3.1 (4) Number of transfer clock
output pins (UART0).”
Fig. 8.2.16 Relationship between ports P7, P8 direction register and UARTi’s I/O pins
:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com