| Electronic Components Datasheet Search |
|
7733 Datasheet(PDF) 226 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7733 Datasheet(HTML) 226 Page - Renesas Technology Corp |
|
226 / 940 page ![]() SERIAL I/O 7733 Group User’s Manual 8–23 D1 D2 D3 D4 D5 D6 D7 D1 D2 D3 D4 D5 D6 D7 TXDi RXDi CLKi D0 D0 D1 D2 D3 D4 D5 D6 D7 D1 D2 D3 D4 D5 D6 D7 TXDi RXDi CLKi D0 D0 When CLK polarity selection bit = “1.” g The transmit data is output to the TxDi pin at the rising edge of the transfer clock; the receive data is input from the RxDi pin at the falling edge of the transfer clock. When not transferring, the CLKi pin’s level is “L.” When CLK polarity selection bit = “0.” g The transmit data is output to the TxDi pin at the falling edge of the transfer clock; the receive data is input from the RxDi pin at the rising edge of the transfer clock. When not transferring, the CLKi pin’s level is “H.” (3) How to select polarity of transfer clock The polarity of a clock which is output from the CLKi pin can be selected with the CLK polarity selection bit (UART0, UART1) as shown in Figure 8.3.1. The CLK polarity select bit is not implemented for UART2. The CLK2 pin outputs the transmit data at the fall of the transfer clock; this pin inputs the receive data at the rise of the transfer clock. [Setting for related registers] q The CLK polarity is selected (bit 6 at addresses 3416, 3C16). Fig. 8.3.1 Polarity of transfer clock 8.3 Clock synchronous serial I/O mode |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |