Electronic Components Datasheet Search
  English  ▼

X  

7733 Datasheet(PDF) 275 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 275 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 271Page - Renesas Technology Corp 7733 Datasheet HTML 272Page - Renesas Technology Corp 7733 Datasheet HTML 273Page - Renesas Technology Corp 7733 Datasheet HTML 274Page - Renesas Technology Corp 7733 Datasheet HTML 275Page - Renesas Technology Corp 7733 Datasheet HTML 276Page - Renesas Technology Corp 7733 Datasheet HTML 277Page - Renesas Technology Corp 7733 Datasheet HTML 278Page - Renesas Technology Corp 7733 Datasheet HTML 279Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 275 / 940 page
background image
A-D CONVERTER
7733 Group User’s Manual
9–10
Bit
Corresponding bit’s name
Functions
0
1
2
3
4
5
6
Pin AN0
Pin AN2/CTS2
Pin AN3/CLK2
Pin AN4/RxD2
Pin AN6/XCOUT
0: Input mode
1: Output mode
Pin AN5/ADTRG/TxD2
Port P7 direction register (address 11 16)
b1
b0
b2
b3
b4
b5
b6
b7
Pin AN1
At reset
RW
0
0
0
0
0
0
0
When using these pins as A-D
converter’s input pins, set the
corresponding bits to “0.”
7
Pin AN7/XCIN
0
RW
RW
RW
RW
RW
RW
RW
RW
9.2.5 Port P7 direction register
Input pins of the A-D converter are multiplexed with port P7. When using these pins as A-D converter’s
input pins, set the corresponding bits of the port P7 direction register to “0” to set these ports for the input
mode. Figure 9.2.6 shows the relationship between the port P7 direction register and I/O pins of the sub-
clock oscillation circuit and peripheral functions.
Fig. 9.2.6 Relationship between port P7 direction register and I/O pins of sub-clock oscillation circuit
and peripheral functions
Analog input pins function as the port P7’s I/O pins and also function as I/O pins of the sub-clock oscillation
circuit and UART2. For pins which are forcedly set to the output mode when the function for the sub-clock
oscillation circuit or UART2 is selected, analog input is disabled. (Refer to “Table 9.2.3.”)
Table 9.2.3 Port P7’s pin which is forcedly set to output mode
9.2 Block description
Pin
P73/AN3/CLK2
_____
P75/AN5/ADTRG/TxD2
P76/AN6/XCOUT
Clock synchronous serial I/O mode is selected and an internal clock is used.
(bits 3 to 0 at address 6416 = “00012”)
Serial I/O mode is selected.
(bits 2 to 0 at address 6416 = “0012,” “1002,” “1012,” or “1102”)
Sub-clock oscillation circuit is operating by itself.
(bit 4 at address 6C16 = “1” and bit 2 at address 6F16 = “0” )
Conditions where pin is forcedly set to output mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com