Electronic Components Datasheet Search
  English  ▼

X  

7736 Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # 7736
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7736 Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button 7736 Datasheet HTML 30Page - Renesas Technology Corp 7736 Datasheet HTML 31Page - Renesas Technology Corp 7736 Datasheet HTML 32Page - Renesas Technology Corp 7736 Datasheet HTML 33Page - Renesas Technology Corp 7736 Datasheet HTML 34Page - Renesas Technology Corp 7736 Datasheet HTML 35Page - Renesas Technology Corp 7736 Datasheet HTML 36Page - Renesas Technology Corp 7736 Datasheet HTML 37Page - Renesas Technology Corp 7736 Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 940 page
background image
OVERVIEW
7733 Group User’s Manual
1-7
1.3 Pin description
Functions
[Single-chip Mode]
P4 is an 8-bit I/O port with the same function as port
P0. P42 can also be programmed as the clock
φ1 output
pin. (Refer to chapter “14. CLOCK GENERATING
CIRCUIT.”)
[Memory Expansion Mode]
_____
____
P40 functions as pin HOLD, and P41 as pin RDY.
_____
The microcomputer is in Hold state while pin HOLD’s
____
input level is “L” and is in Ready state while pin RDY’s
input level is “L.”
P42–P47 function as I/O ports with the same function
as port P0. P42 can also be programmed as the clock
φ1 output pin. (Refer to chapter “14. CLOCK
GENERATING CIRCUIT.”)
[Microprocessor Mode]
_____
____
P40 functions as pin HOLD, P41 as pin RDY, and P42
as the clock
φ1 output pin. (Refer to “[Memory
Expansion Mode].”) P43–P47 function as I/O ports
with the same function as port P0.
P5 is an 8-bit I/O port with the same function as port
P0 and can be programmed as I/O pins for timers A0–
_____
______
A3 and input pins (KI0–KI3) for the key input interrupt.
P6 is an 8-bit I/O port with the same function as port
P0 and can be programmed as I/O pins for timer A4,
external interrupt input pins, and input pins for timers
B0–B2. P67 also functions as an output pin for the sub
clock (
φSUB).
P7 is an 8-bit I/O port with the same function as port
P0 and can be programmed as analog input pins for
the A-D converter. P76 and P77 can be programmed
as I/O pins (XCOUT, XCIN) for the sub-clock (32 kHz)
oscillation circuit. When using P76 and P77 as pins
XCOUT and XCIN, connect a quartz-crystal oscillator
between them. When inputting an external clock, input
the clock from pin XCIN. P72–P75 also function as
UART2’s I/O pins.
P8 is an 8-bit I/O port with the same function as port
P0 and can be programmed as serial I/O’s I/O pins.
Input/Output
I/O
Input
Input
I/O
Input
Input
Output
I/O
I/O
I/O
I/O
I/O
Pin
P40–P47
_____
HOLD
,
____
RDY
,
P42–P47
_____
HOLD
,
____
RDY
,
φ1,
P43–P47
P50–P57
P60–P67
P70–P77
P80–P87
Name
I/O port P4
I/O port P5
I/O port P6
I/O port P7
I/O port P8
Table 1.3.3 Pin description (3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com