Electronic Components Datasheet Search
  English  ▼

X  

7736 Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # 7736
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7736 Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button 7736 Datasheet HTML 87Page - Renesas Technology Corp 7736 Datasheet HTML 88Page - Renesas Technology Corp 7736 Datasheet HTML 89Page - Renesas Technology Corp 7736 Datasheet HTML 90Page - Renesas Technology Corp 7736 Datasheet HTML 91Page - Renesas Technology Corp 7736 Datasheet HTML 92Page - Renesas Technology Corp 7736 Datasheet HTML 93Page - Renesas Technology Corp 7736 Datasheet HTML 94Page - Renesas Technology Corp 7736 Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 940 page
background image
7733 Group User's Manual
INTERRUPTS
4–12
Figure 4.5.2 shows the operation of the interrupt priority detection circuit.
The interrupt priority level of a requested interrupt (“Y” in Figure 4.5.2) is compared with the priority level
which is sent from the preceding comparator (“X” in Figure 4.5.2), and then the interrupt with the higher
priority level is sent to the next comparator (“Z” in Figure 4.5.2). (Initial value of “X” is “0.”) For an interrupt
which is not requested, the comparison is not performed and the priority level which is sent from the
preceding comparator is forwarded to the next comparator as it is. After comparison, if the two priority levels
are the same, the priority level which is sent from the preceding comparator is forwarded to the next
comparator. Therefore, if the same priority is set by software, the interrupt priority levels are handled as
follows:
A-D conversion > UART2 transmission/reception > UART1 transmission > UART1 reception > UART0 transmission
> UART0 reception > Timer B2 > Timer B1 > Timer B0 > Timer A4 > Timer A3 > Timer A2 > Timer A1 >
____
____
____
Timer A0 > INT2/Key input > INT1 > INT0
By the above comparison, among the multiple interrupt requests which reside at the same sampling timing,
one request with the highest priority level is detected.
And then, the highest priority level detected by the above comparison is compared with the processor
interrupt priority level (IPL). When this interrupt priority level is higher than the processor interrupt priority
level (IPL) and the interrupt disable flag (I) = “0,” the corresponding interrupt request is accepted. An
interrupt request which is not accepted at this time is held until it is accepted or the corresponding interrupt
request bit is cleared to “0” by software (CLB instruction).
The interrupt priority level is detected synchronously with the CPU’s op-code fetch cycle. However, when
an op-code fetch cycle starts during the interrupt priority detection, a new interrupt priority detection does
not start. (Refer to “Figure 4.6.1”) Because the interrupt request bit’s state and interrupt priority level are
latched during interrupt priority detection, if they change, the interrupt priority detection is performed for the
previous state before the change occurred.
4.5 Interrupt priority level detection circuit
Fig. 4.5.2 Interrupt priority level detection model
Y
X
Z
Comparison
of priority
level
q When X
≥ Y, Z = X
q When X < Y, Z = Y
Interrupt source Y
X : Priority level which is sent from the preceding
comparator (Highest priority at this time)
Y : Priority level of interrupt source Y
Z : Highest priority at this time
Time
Comparator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com