| Electronic Components Datasheet Search |
|
7736 Datasheet(PDF) 42 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7736 Datasheet(HTML) 42 Page - Renesas Technology Corp |
|
42 / 940 page ![]() CENTRAL PROCESSING UNIT (CPU) 7733 Group User’s Manual 2–3 2.1.1 Accumulator (Acc) Accumulators A and B are available. (1) Accumulator A (A) Data processing such as calculation, data transfer, or data input/output is executed mainly through accumulator A. It consists of 16 bits and its low-order 8 bits can also be used separately. The data length flag (m), which is a part of the processor status register, specifies whether accumulator A is used as a 16-bit register or an 8-bit register. When the data length is 8 bits wide, only the low-order 8 bits of accumulator A are used and the contents of the high-order 8 bits is unchanged. (2) Accumulator B (B) Accumulator B has the same function as accumulator A and can be used instead of accumulator A. Note that, except for some instructions, the use of accumulator B requires more instruction bytes and execution cycles than that of accumulator A. Accumulator B consists of 16 bits and is also affected by the data length flag (m) just as for accumulator A. 2.1.2 Index register X (X) Index register X consists of 16 bits and its low-order 8 bits can also be used separately. The index register length flag (x), which is a part of the processor status register, specifies whether index register X is used as a 16-bit register or an 8-bit register. When the index register length is 8 bits wide, only the low-order 8 bits of index register X are used and the contents of the high-order 8 bits is unchanged. In an addressing mode where index register X is used as an index register, the address obtained by adding the contents of index register X to the operand is accessed. In execution of a block transfer instruction (MVP or MVN), the contents of index register X is the low-order 16 bits of the source address and the third byte of the instruction is the high-order 8 bits of the address. g Refer to “7700 Family Software Manual” for addressing modes. 2.1.3 Index register Y (Y) Index register Y has the same function as index register X. Index register Y consists of 16 bits and is also affected by the index register length flag (x) just as for index register X. In execution of a block transfer instruction (MVP or MVN), the contents of index register Y is the low-order 16 bits of the destination address and the second byte of the instruction is the high-order 8 bits of the address. 2.1 Central processing unit |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |