Electronic Components Datasheet Search
  English  ▼

X  

7736 Datasheet(PDF) 87 Page - Renesas Technology Corp

Part # 7736
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7736 Datasheet(HTML) 87 Page - Renesas Technology Corp

Back Button 7736 Datasheet HTML 83Page - Renesas Technology Corp 7736 Datasheet HTML 84Page - Renesas Technology Corp 7736 Datasheet HTML 85Page - Renesas Technology Corp 7736 Datasheet HTML 86Page - Renesas Technology Corp 7736 Datasheet HTML 87Page - Renesas Technology Corp 7736 Datasheet HTML 88Page - Renesas Technology Corp 7736 Datasheet HTML 89Page - Renesas Technology Corp 7736 Datasheet HTML 90Page - Renesas Technology Corp 7736 Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 940 page
background image
7733 Group User's Manual
INTERRUPTS
4–8
4.3.1 Interrupt disable flag (I)
This flag can disable all maskable interrupts. When this flag is set to “1,” all maskable interrupts are
disabled; when this flag is cleared to “0,” all maskable interrupts are enabled. Because this flag is set to
“1” at reset, clear this flag to “0” when enabling interrupts.
This flag is allocated to the processor status register (PS).
4.3.2 Interrupt request bit
When an interrupt request occurs, this bit is set to “1.” And then, this bit remains set to “1” until the interrupt
request is accepted; this bit is cleared to “0” when the interrupt request is accepted.
This bit can be set to “1” or cleared to “0” by software, also.
____
____
Note that when an INTi interrupt is used with the level sense selected, the INTi interrupt request bit (i = 0
to 2) is ignored.
4.3.3 Interrupt priority level selection bits and Processor interrupt priority level (IPL)
The interrupt priority level selection bits are used to set the priority level of an interrupt.
When an interrupt request occurs, its interrupt priority level is compared with the processor interrupt priority
level (IPL). Only when the comparison result satisfies the following relationship, the interrupt request is
enabled. Therefore, by setting the interrupt priority level to 0, the interrupt can be disabled.
The processor interrupt priority level (IPL) is allocated to the processor status register (PS).
Interrupt priority level > Processor interrupt priority level (IPL)
Table 4.3.1 lists the settings of interrupt priority levels. Table 4.3.2 lists the relationship between the IPL’s
contents and enabled interrupt priority levels.
The interrupt disable flag (I), interrupt request bit, interrupt priority level selection bits, and processor
interrupt priority level (IPL) are independent of each other; they do not affect each other. Interrupt requests
are accepted only when the following conditions are satisfied.
q Interrupt disable flag (I) = “0”
q Interrupt request bit = “1”
q Interrupt priority level > Processor interrupt priority level (IPL)
4.3 Interrupt control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com