Electronic Components Datasheet Search
  English  ▼

X  

7736 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # 7736
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7736 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button 7736 Datasheet HTML 60Page - Renesas Technology Corp 7736 Datasheet HTML 61Page - Renesas Technology Corp 7736 Datasheet HTML 62Page - Renesas Technology Corp 7736 Datasheet HTML 63Page - Renesas Technology Corp 7736 Datasheet HTML 64Page - Renesas Technology Corp 7736 Datasheet HTML 65Page - Renesas Technology Corp 7736 Datasheet HTML 66Page - Renesas Technology Corp 7736 Datasheet HTML 67Page - Renesas Technology Corp 7736 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 940 page
background image
CENTRAL PROCESSING UNIT (CPU)
7733 Group User’s Manual
2–25
2.5.1 Single-chip mode
When not using an external device, this mode is used. In this mode, ports P0 to P8 function as programmable
I/O ports. (When using internal peripheral devices, they function as I/O pins.) Only the internal area (SFR,
internal RAM, and internal ROM) can be accessed.
_
Output of E can be stopped by software. (Refer to section “12.1 Signals required for accessing external
devices.”)
2.5.2 Memory expansion and Microprocessor modes
When connecting an external device, these modes are used. In these modes, an external device can be
connected to an arbitrary area in the 16-Mbyte accessible area. For access to an external device, refer to
chapter “12. CONNECTING EXTERNAL DEVICES.”
The memory expansion and microprocessor modes have the same functions except for the followings:
Œ In the microprocessor mode, access to the internal ROM area is forcibly disabled. This area is handled
as the external area.
 In the microprocessor mode, port P42 functions as a clock
φ1 output pin. (Note)
In the memory expansion and microprocessor modes, pins P0 to P3, P40, and P41 function as I/O pins for
signals required for access to an external device. Therefore, these pins cannot be used as programmable
I/O ports.
If an external device is connected to a certain area which is allocated to the internal area, when this area
is read, data in the internal area is fetched into the central processing unit (BIU) but data in the external
area is not fetched; when data is written to this area, the data is written to the internal area and signals
are output to the external at the same timing as writing to the internal area.
Note: Output of clock
φ1 can be stopped by software. (For details, refer to section “12.1 Signals required
for accessing external devices.”)
Figure 2.5.2 shows the pin configuration in each processor mode. Table 2.5.1 lists the relationship between
processor modes and functions of P0 to P4.
For each pin’s function, refer to section “1.3 Pin description,” chapters “3. PROGRAMMABLE I/O PORTS”
to “9. A-D CONVERTER” and “12. CONNECTING EXTERNAL DEVICES.”
2.5 Processor modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com