Electronic Components Datasheet Search
  English  ▼

X  

7736 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # 7736
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7736 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button 7736 Datasheet HTML 28Page - Renesas Technology Corp 7736 Datasheet HTML 29Page - Renesas Technology Corp 7736 Datasheet HTML 30Page - Renesas Technology Corp 7736 Datasheet HTML 31Page - Renesas Technology Corp 7736 Datasheet HTML 32Page - Renesas Technology Corp 7736 Datasheet HTML 33Page - Renesas Technology Corp 7736 Datasheet HTML 34Page - Renesas Technology Corp 7736 Datasheet HTML 35Page - Renesas Technology Corp 7736 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 940 page
background image
OVERVIEW
7733 Group User’s Manual
1-5
1.3 Pin description
Tables 1.3.1–1.3.3 list the pin description. Note that the pin description of the built-in PROM version in the
EPROM mode is described in section “19.1 EPROM mode.”
Table 1.3.1 Pin description (1)
Input/Output
Input
Input
Input
Output
Output
Input
Input
Name
Power source input
CNVSS
Reset input
Clock input
Clock output
Enable output
External data bus width
selection input
Analog power source input
Reference voltage input
Note: In the low voltage version, it is 2.7 V to 5.5 V.
Pin
VCC, VSS
CNVSS
______
RESET
XIN
XOUT
_
E
BYTE
AVCC
AVSS
VREF
Functions
To pin VCC, apply 5 V
±10% (Note) (When the main
clock is the system clock) or 2.7 V to 5.5 V (When the
sub clock is the system clock). To pin VSS, apply 0 V.
This pin switches the processor mode.
[Single-chip Mode] [Memory Expansion Mode]
Connect to pin VSS.
[Microprocessor Mode]
Connect to pin VCC.
The microcomputer is reset when “L” level is input to
this pin.
Pins XIN and XOUT are the I/O pins of the clock
generating circuit, respectively. Connect these pins via
a ceramic resonator or a quartz-crystal oscillator. When
an external clock is used, the clock should be input to
pin XIN, and pin XOUT should be left open.
__
This pin outputs signal E. When E’s level is “L,” the
microcomputer reads data and instruction codes or
_
writes data. Also, output of signal E can be stopped
by software.
[Single-chip Mode]
Connect to pin VSS.
[Memory Expansion Mode] [Microprocessor Mode]
Input level to this pin determines whether the external
data bus has a 16-bit width or an 8-bit width. A 16-bit
width is selected when the level is “L,” and an 8-bit
width is selected when the level is “H.”
Power source input for the A-D converter. Connect to
pin VCC.
Power source input for the A-D converter. Connect to
pin VSS.
This is the reference voltage input pin for the A-D
converter.
1.3 Pin description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com