Electronic Components Datasheet Search
  English  ▼

X  

7736 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # 7736
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7736 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button 7736 Datasheet HTML 29Page - Renesas Technology Corp 7736 Datasheet HTML 30Page - Renesas Technology Corp 7736 Datasheet HTML 31Page - Renesas Technology Corp 7736 Datasheet HTML 32Page - Renesas Technology Corp 7736 Datasheet HTML 33Page - Renesas Technology Corp 7736 Datasheet HTML 34Page - Renesas Technology Corp 7736 Datasheet HTML 35Page - Renesas Technology Corp 7736 Datasheet HTML 36Page - Renesas Technology Corp 7736 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 940 page
background image
OVERVIEW
1-6
7733 Group User’s Manual
1.3 Pin description
Table 1.3.2 Pin description (2)
Input/Output
I/O
Output
I/O
I/O
I/O
Output
Functions
[Single-chip Mode]
P0 is an 8-bit CMOS I/O port and has an I/O direction
register. Each pin can be programmed for input or output.
[Memory Expansion Mode] [Microprocessor Mode]
Address’s low-order 8 bits (A0–A7) are output.
[Single-chip Mode]
P1 is an 8-bit I/O port with the same function as port
P0.
[Memory Expansion Mode] [Microprocessor Mode]
q When the external data bus width = 8 bits
(Pin BYTE is at “H” level)
Address’s middle-order 8 bits (A8–A15) are output.
q When the external data bus width = 16 bits
(Pin BYTE is at “L” level)
Input/Output of data (D8–D15) and output of address’s
middle-order 8 bits (A8–A15) are performed with the
time sharing method.
[Single-chip Mode]
P2 is an 8-bit I/O port with the same function as port
P0.
[Memory Expansion Mode] [Microprocessor Mode]
Input/Output of data (D0–D7) and output of address’s
high-order 8 bits (A16–A23) are performed with the time
sharing method.
[Single-chip Mode]
P3 is a 4-bit I/O port with the same function as port P0.
[Memory Expansion Mode] [Microprocessor Mode]
__
____
These pins respectively output signals R/W, BHE, ALE,
_____
and HLDA.
__
q Signal R/W
This signal indicates the data bus state.
When this signal level is “H,” a data bus is in the
read state. When this signal level is “L,” a data bus
is in the write state.
____
q Signal BHE
This signal’s level is “L” when the microcomputer
accesses an odd address.
q Signal ALE
This signal is used to separate the multiplexed signal which
consists of an address and data to the address and the data.
_____
q Signal HLDA
This signal informs the external whether this
microcomputer enters the Hold state or not.
_____
In Hold state, pin HLDA outputs “L” level.
Name
I/O port P0
I/O port P1
I/O port P2
I/O port P3
Pin
P00–P07
A0–A7
P10–P17
A8/D8–
A15/D15
P20–P27
A16/D0–
A23/D7
P30–P33
__
R/W,
____
BHE
,
ALE,
_____
HLDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com