Electronic Components Datasheet Search
  English  ▼

X  

7736 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # 7736
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7736 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button 7736 Datasheet HTML 55Page - Renesas Technology Corp 7736 Datasheet HTML 56Page - Renesas Technology Corp 7736 Datasheet HTML 57Page - Renesas Technology Corp 7736 Datasheet HTML 58Page - Renesas Technology Corp 7736 Datasheet HTML 59Page - Renesas Technology Corp 7736 Datasheet HTML 60Page - Renesas Technology Corp 7736 Datasheet HTML 61Page - Renesas Technology Corp 7736 Datasheet HTML 62Page - Renesas Technology Corp 7736 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 940 page
background image
CENTRAL PROCESSING UNIT (CPU)
7733 Group User’s Manual
2–20
Fig. 2.4.2 M37733MHBXXXFP’s memory map (1)
01FFFF16
FF000016
SFR area
Internal RAM area
3968 bytes
00000016
00007F16
00008016
000FFF16
FFFFFF16
Bank 016
Bank 116
Bank FF16
Internal ROM area
60 Kbytes
Internal ROM area
64 Kbytes
00100016
00FFFF16
01000016
Bank 216
00200016
00000016
00007F16
00008016
000FFF16
(4 Kbytes)
00FFFF16
01000016
01FFFF16
FFFFFF16
00000016
00007F16
A-D/UART2 trans./rece.
UART1 reception
UART0 reception
Timer B2
Timer B1
Timer B0
Timer A4
Timer A3
Timer A2
Timer A1
Timer A0
INT2/Key input
INT1
INT0
Watchdog timer
DBC
BRK instruction
Zero divide
RESET
00FFD616
00FFFE16
Interrupt vector
table
SFR area
Internal RAM area
3968 bytes
Internal ROM area
56 Kbytes
Internal ROM area
64K bytes
Peripheral device
control registers
(SFR)
• Memory allocation selection bits (b2, b1, b0)=(0, 0, 0)
• ROM size: 124 Kbytes
• RAM size: 3.9 Kbytes
• Memory allocation selection bits (b2, b1, b0)=(0, 0, 1)
• ROM size: 120 Kbytes
• RAM size: 3.9 Kbytes
UART1 transmission
UART0 transmission
: Unused area in the single-chip
mode
External memory area in the
memory expansion or
microprocessor mode
Notes 1: Access to internal ROM area is disabled in the microprocessor mode.
(Refer to section “2.5 Processor modes.”)
2: Banks 1016 to FF16 cannot be accessed in the 7735 Group and in external bus mode B of
the 7736 Group. (Refer to section “Appendix 1 in part 2.”)
Refer to
Appendix 2.
02FFFF16
02000016
2.4 Memory allocation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com