Electronic Components Datasheet Search
  English  ▼

X  

7905 Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # 7905
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  565 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7905 Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button 7905 Datasheet HTML 30Page - Renesas Technology Corp 7905 Datasheet HTML 31Page - Renesas Technology Corp 7905 Datasheet HTML 32Page - Renesas Technology Corp 7905 Datasheet HTML 33Page - Renesas Technology Corp 7905 Datasheet HTML 34Page - Renesas Technology Corp 7905 Datasheet HTML 35Page - Renesas Technology Corp 7905 Datasheet HTML 36Page - Renesas Technology Corp 7905 Datasheet HTML 37Page - Renesas Technology Corp 7905 Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 565 page
background image
CENTRAL PROCESSING UNIT (CPU)
7905 Group User’s Manual Rev.1.0
2-11
2.2 Bus interface unit (BIU)
2.2.1 Instruction prefetch
While the CPU does not use the internal buses, the BIU reads instructions from the memory and then
stores them in the instruction queue buffer. The CPU reads instructions from the instruction queue buffer
and executes them, so that the CPU can operate at high speed without access to the memory, which
requires a long access time.
The instruction queue buffer can store instructions up to 10 bytes. The contents of the instruction queue
buffer is initialized when a branch is made, and the BIU reads a new instruction from the branch destination
address.
When instructions in the instruction queue buffer are insufficient for the CPU’s needs, the BIU extends the
low-level duration of
φCPU (See Figure 4.2.1.) in order to keep the CPU waiting until the BIU fetches
instructions of the required byte number or more.
Figure 2.2.3 shows operating waveform examples
at instruction prefetch. Note that the operation of
BIU’s instruction prefetch also varies with the store
addresses of instructions. Table 2.2.2 lists the store
address of prefetched instructions.
When the instruction prefetch from internal memory,
the instructions are fetched from 4-byte boundaries,
4 bytes at a time. (See Figure 2.2.3.)
Also, at branch, regardless of the low-order 2 bits’
contents (AD1 and AD0) of the branch destination
address, 4 bytes are fetched at time from the 4-
byte boundaries. (See Figure 2.2.3.) In this case,
4-byte boundaries
8-byte boundaries
Even-numbered address
Table 2.2.2 Store address of prefetched instruction
X: It may be either “0” or “1.”
AD2
✕
✕
0
AD1
✕
0
0
AD0
0
0
0
Low-order 3 bits
at store address
out of the data (instructions) which will be output onto the internal code buses, 4 bytes at a time, the
instructions assigned at the branch destination address and the following addresses will be fetched into the
instruction queue buffer. Accordingly, as listed in Table 2.2.3, the number of bytes to be fetched into the
instruction queue buffer varies according to the branch destination address.
4
3
2
1
Table 2.2.3 Number of bytes to be fetched into instruction queue buffer
AD0
0
1
0
1
AD1
0
0
1
1
AD1
0
0
0
0
Low-order 2 bits of branch destination
address
Low-order 2 bits of address to be
output onto address bus
Number of bytes to be
fetched into instruction
queue buffer
AD0
0
0
0
0
Internal address bus
φBIU
Internal code bus
(instruction)
Address
φBIU: Operation clock of BIU (Refer to “CHAPTER 4. CLOCK GENERATING CIRCUIT.”)
Data
(AD0–AD23)
(CB0–CB31)
Fig. 2.2.3 Operation waveform examples at instruction prefetch
Note: This waveform applies when bus cycle = 2
φ. For details of the bus cycle at access to the internal area,
see Table 2.2.4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com