| Electronic Components Datasheet Search |
|
7905 Datasheet(PDF) 33 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7905 Datasheet(HTML) 33 Page - Renesas Technology Corp |
|
33 / 565 page ![]() CENTRAL PROCESSING UNIT (CPU) 7905 Group User’s Manual Rev.1.0 2-10 2.2 Bus interface unit (BIU) Fig. 2.2.1 Bus and BIU 2.2 Bus interface unit (BIU) The bus interface unit (hereafter called “BIU”) performs the following two operations: q Instruction prefetch q Data transfer (read and write) Figure 2.2.1 shows the bus and BIU. BIU is structured with four kinds of registers shown in Figure 2.2.2. Table 2.2.1 lists the function of the BIU registers. M37905 Internal code bus (CB0 to CB31) (CPU) SFR : Special Function Register ❈ The CPU bus and internal bus are independent of one another. Internal control signal Internal buses Internal data bus (DB0 to DB15) Internal address bus (AD0 to AD23) (BIU) CPU bus Central processing unit Bus interface unit Internal memory Internal peripheral devices (SFR) Program address register Instruction queue buffer Data address register Data buffer PA DA Q0 Q9 DQ b23 b0 b0 b0 b0 b23 b31 b7 Name Program address register Instruction queue buffer Data address register Data buffer Functions Indicates a storage address of the instruction to be fetched into an instruction queue buffer, next. Temporarily stores an instruction which has been fetched. Indicates an address from which data will be read or to which data will be written, next. Temporarily stores data which has been read from memory•I/O device by BIU or which will be written to memory•I/O device by the CPU. Fig. 2.2.2 BIU registers’ structure Table 2.2.1 Functions of BIU registers In the M37905, the internal buses are used when the CPU accesses the internal area (the internal memory and SFR). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |