Electronic Components Datasheet Search
  English  ▼

X  

7905 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # 7905
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  565 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7905 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button 7905 Datasheet HTML 28Page - Renesas Technology Corp 7905 Datasheet HTML 29Page - Renesas Technology Corp 7905 Datasheet HTML 30Page - Renesas Technology Corp 7905 Datasheet HTML 31Page - Renesas Technology Corp 7905 Datasheet HTML 32Page - Renesas Technology Corp 7905 Datasheet HTML 33Page - Renesas Technology Corp 7905 Datasheet HTML 34Page - Renesas Technology Corp 7905 Datasheet HTML 35Page - Renesas Technology Corp 7905 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 565 page
background image
7905 Group User’s Manual Rev.1.0
2.1 Central processing unit (CPU)
CENTRAL PROCESSING UNIT (CPU)
2-9
(6)
Bit 5: Data length flag (m)
This flag determines whether to use data as a 16-bit unit or as an 8-bit unit. Each data is treated
as a 16-bit unit when this flag is “0,” and as an 8-bit unit when it is “1” (Note).
Be sure to use the SEM or SEP instruction to set this flag to “1,” and be sure to use the CLM or
CLP instruction to clear it to “0.”
This flag is cleared to “0” at reset.
Note: When transferring data between registers which are different in bit length, this data is transferred
with the length of the transfer destination register, except for the case where the TXA, TYA,
TXB, TYB, and TXS instructions used. Refer to “7900 series software manual” for detail.
(7)
Bit 6: Overflow flag (V)
This flag is used when addition or subtraction is performed with a word regarded as signed binary.
The overflow flag is set to “1” when the result of addition or subtraction exceeds the range between
–2147483648 and +2147483647 (when 32-bit length operation), the range between –32768 and
+32767 (when 16-bit length operation), or the range between –128 and +127 (when 8-bit length
operation).
The overflow flag is also set to “1” when the operation result of the DIV or DIVS instruction exceeds
the length of the register which will store that result. This flag is invalid in the decimal mode. Be sure
to use the SEP instruction to set this flag to “1,” and be sure to use the CLV or CLP instruction to
clear it to “0.”
The contents of this flag is undefined at reset.
(8)
Bit 7: Negative flag (N)
This flag is set to “1” when the result of arithmetic operation or data transfer is negative. (The most
significant bit of the result is “1.”) It is cleared to “0” in all other cases. This flag is invalid in the
decimal mode. Be sure to use the SEP instruction to set this flag to “1,” and be sure to use the CLP
instruction to clear it to “0.”
The contents of this flag is undefined at reset.
(9)
Bits 10 to 8: Processor interrupt priority level (IPL)
These 3 bits can determine the processor interrupt priority level to one of levels 0 through 7. When
the interrupt priority level of a requested interrupt, which has been set in the corresponding interrupt
control register, is higher than IPL, that interrupt becomes enabled. When an interrupt request is
accepted, IPL is stored in the stack area, and IPL is replaced by the interrupt priority level of the
accepted interrupt request.
There are no instruction to directly set or clear the bits of IPL. IPL can be changed by storing the
new IPL into the stack area and updating PS with the PUL or PLP instruction.
The contents of IPL is cleared to “0002” at reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com