Electronic Components Datasheet Search
  English  ▼

X  

7905 Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # 7905
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  565 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7905 Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button 7905 Datasheet HTML 93Page - Renesas Technology Corp 7905 Datasheet HTML 94Page - Renesas Technology Corp 7905 Datasheet HTML 95Page - Renesas Technology Corp 7905 Datasheet HTML 96Page - Renesas Technology Corp 7905 Datasheet HTML 97Page - Renesas Technology Corp 7905 Datasheet HTML 98Page - Renesas Technology Corp 7905 Datasheet HTML 99Page - Renesas Technology Corp 7905 Datasheet HTML 100Page - Renesas Technology Corp 7905 Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 565 page
background image
7905 Group User’s Manual Rev.1.0
INTERRUPTS
6-16
6.8 Return from interrupt routine
When the RTI instruction is executed at the end of the interrupt routine, the contents of the program bank
register (PG), program counter (PC), and processor status register (PS) which were pushed onto the stack
area just before the INTACK sequence are automatically pulled. After this, the control returns to the original
routine. And then, the suspended processing, which was in progress before acceptance of the interrupt
request, is resumed.
Before the RTI instruction is executed, registers which were pushed by software in the interrupt routine must
be pulled in the same data length and register length as those in pushing, using the PUL instruction, etc.
6.9 Multiple interrupts
Just after a branch is made to an interrupt routine, the following occur:
•Interrupt disable flag (I) = “1” (Interrupts are disabled.)
•Interrupt request bit of accepted interrupt = “0”
•Processor interrupt priority level (IPL) = Interrupt priority level of accepted interrupt
Accordingly, as long as the IPL remains unchanged, an interrupt request, whose priority level is higher than
that of the interrupt which is in progress, can be accepted by clearing the interrupt disable flag (I) to “0” in
an interrupt routine. In this way, multiple interrupts are processed.
Figure 6.9.1 shows the processing for multiple interrupts.
An interrupt request which has not been accepted because its priority level is lower is retained. When the
RTI instruction is executed, the interrupt priority level of the routine which was in progress just before
acceptance of an interrupt request is pulled into the IPL. Therefore, if the following relationship is satisfied
when interrupt priority level detection is performed next, the retained interrupt request will be accepted.
Retained interrupt request’s priority level > Processor interrupt priority level (IPL)
Note: When any of the following interrupt requests is generated while an interrupt routine is in progress, this
interrupt request is accepted at once: zero division, watchdog timer, and address matching detection.
6.8 Return from interrupt routine, 6.9 Multiple interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com