Electronic Components Datasheet Search
  English  ▼

X  

7905 Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # 7905
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  565 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7905 Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button 7905 Datasheet HTML 64Page - Renesas Technology Corp 7905 Datasheet HTML 65Page - Renesas Technology Corp 7905 Datasheet HTML 66Page - Renesas Technology Corp 7905 Datasheet HTML 67Page - Renesas Technology Corp 7905 Datasheet HTML 68Page - Renesas Technology Corp 7905 Datasheet HTML 69Page - Renesas Technology Corp 7905 Datasheet HTML 70Page - Renesas Technology Corp 7905 Datasheet HTML 71Page - Renesas Technology Corp 7905 Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 565 page
background image
CLOCK GENERATING CIRCUIT
7905 Group User’s Manual Rev.1.0
4-7
–
1
4.2 Clocks
(3) System clock select bit (bit 5)
This bit selects a clock source of fsys. When this bit = “0,” fXIN is selected as fsys; and when this bit =
“1,” fPLL as the one. (See Table 4.2.1.)
Clearing the PLL circuit operation enable bit (bit 1) to “0” clears the system clock select bit to “0.” Also,
while the PLL circuit operation enable bit = “0,” nothing can be written to the system clock select bit.
(Fixed to be “0.”)
In order to set the system clock select bit to “1” after reset, it is necessary to wait 2 ms after the
stabilization of f(XIN).
To rewrite the PLL multiplication ratio select bits (bits 2 and 3), clear the system clock select bit to
“0” simultaneously. Then, set this bit to “1” 2 ms after the rewriting of the PLL multiplication ratio select
bits. (See Figure 4.2.3.)
System clock select bit
(bit 5)
PLL multiplication ratio select bits
(bits 3, 2) (Note 1)
fsys
0
1
–
01 (double)
10 (triple)
11 (quadruple)
f(XIN)
f(XIN) ✕ 2
f(XIN) ✕ 3
f(XIN) ✕ 4
PLL circuit operation
enable bit (bit 1)
Clock source Frequency (Note 2)
fXIN
fPLL
fPLL
fPLL
fsys/2
fsys/4
fsys/32
fsys/128
fsys/1024
fsys/8192
Do not select.
Internal peripheral
device’s operation clock
00
Peripheral device’s clock select bits 1, 0
f1
f2
f16
f64
f512
f4096
fsys
fsys/2
fsys/16
fsys/64
fsys/512
fsys/4096
01
10
11
fsys
fsys
fsys/8
fsys/32
fsys/256
fsys/2048
(Note)
Table 4.2.1 fsys selection
Notes 1: The PLL multiplication ratio select bits must be set so that fsys is in the range from 10 MHz to 20 MHz. After
reset, these bits are allowed to be changed only once.
2: Be sure that fsys does not exceed 20 MHz.
Table 4.2.2 Internal peripheral device’s operation clock frequency
(4) Peripheral device’s clock select bits 1, 0 (bits 7, 6)
These bits select the internal peripheral device’s operation clock frequency listed in Table 4.2.2.
Note: To set the peripheral device’s clock select bits 1, 0 to “012,” be sure that a frequency of fsys must be 10 MHz or less.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com