Electronic Components Datasheet Search
  English  ▼

X  

7905 Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # 7905
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  565 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7905 Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button 7905 Datasheet HTML 79Page - Renesas Technology Corp 7905 Datasheet HTML 80Page - Renesas Technology Corp 7905 Datasheet HTML 81Page - Renesas Technology Corp 7905 Datasheet HTML 82Page - Renesas Technology Corp 7905 Datasheet HTML 83Page - Renesas Technology Corp 7905 Datasheet HTML 84Page - Renesas Technology Corp 7905 Datasheet HTML 85Page - Renesas Technology Corp 7905 Datasheet HTML 86Page - Renesas Technology Corp 7905 Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 565 page
background image
7905 Group User’s Manual Rev.1.0
INTERRUPTS
6-2
When an interrupt request is accepted, the following
registers’ contents just before acceptance of an
interrupt request are automatically pushed onto the
stack area in ascending sequence from ➀ to ➂.
For other registers of which contents are necessary,
be sure to push and pop them by software.
➀ Program bank register (PG)
➁ Program counter (PCL, PCH)
➂ Processor status register (PSL, PSH)
Figure 6.1.2 shows the state of the stack area just
before entering an interrupt routine.
Execute the RTI instruction at the end of this interrupt
routine in order to return to the routine that the
microcomputer was executing just before the interrupt
request was accepted. By executing the RTI instruction,
the register contents pushed onto the stack area are
pulled in descending sequence from ➂ to ➀. Then,
the suspended processing is resumed from where it
left off.
6.1 Overview
The M37905 provides 32 (including the reset) interrupt sources to generate interrupt requests.
Figure 6.1.1 shows the interrupt processing sequence.
When an interrupt request is accepted, a branch is made to the start address of the interrupt routine set
in the interrupt vector table (addresses FFB416 to FFFF16). Set the start address of each interrupt routine to
the corresponding interrupt vector address in the interrupt vector table.
6.1 Overview
Fig. 6.1.1 Interrupt processing sequence
Interrupt routine
Interrupt request is accepted.
Processing is resumed.
Processing is suspended.
Returns
to original
routine.
RTI instruction
Interrupt processing
Routine in progress
Branches
to start
address
of interrupt
routine.
[S] is an initial address that the stack pointer (S) indicates
when an interrupt request is accepted. The S’s contents
become “[S] – 5” after all of the above registers are pushed.
Address
[S] – 4
[S] – 3
[S] – 2
[S] – 1
[S]✽
Processor status register’s low-order byte (PSL)
Stack area
[S] – 5
Processor status register’s high-order byte (PSH)
Program counter’s low-order byte (PCL)
Program counter’s high-order byte (PCH)
Program bank register (PG)
✽
Fig. 6.1.2 State of stack area just before entering
interrupt routine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com