Electronic Components Datasheet Search
  English  ▼

X  

7905 Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # 7905
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  565 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7905 Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button 7905 Datasheet HTML 59Page - Renesas Technology Corp 7905 Datasheet HTML 60Page - Renesas Technology Corp 7905 Datasheet HTML 61Page - Renesas Technology Corp 7905 Datasheet HTML 62Page - Renesas Technology Corp 7905 Datasheet HTML 63Page - Renesas Technology Corp 7905 Datasheet HTML 64Page - Renesas Technology Corp 7905 Datasheet HTML 65Page - Renesas Technology Corp 7905 Datasheet HTML 66Page - Renesas Technology Corp 7905 Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 565 page
background image
CLOCK GENERATING CIRCUIT
7905 Group User’s Manual Rev.1.0
4-2
4.1 Oscillation circuit examples
4.1 Oscillation circuit examples
To the oscillation circuit, a ceramic resonator or a quartz-crystal oscillator can be connected, or the clock
which is externally generated can be input. Oscillation circuit examples are shown below.
4.1.1 Connection example with resonator/oscillator
Figure 4.1.1 shows an example where pins XIN and XOUT connect across a ceramic resonator/quartz-crystal
oscillator.
The circuit constants such as Rf, Rd, CIN, and COUT (shown in “Figure 4.1.1”) depend on the resonator/
oscillator. These values shall be set to the values recommended by the resonator/oscillator manufacturer.
Fig. 4.1.1 Connection example of resonator/oscillator
Fig. 4.1.2 Externally generated clock input example
M37905
XIN
XOUT
Rf
CIN
COUT
Rd
M37905
XIN
XOUT
Vcc
Vss
Externally generated clock
Open
4.1.2 Externally generated clock input example
Figure 4.1.2 shows an input example of a clock which is externally generated. An external clock must be
input from pin XIN, and pin XOUT must be left open.
When an externally generated clock is input, the power source current consumption can be saved by the
stop of internal circuit’s operation between pins XIN and XOUT. (Refer to “CHAPTER 16. POWER SAVING
FUNCTION.”)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com