Electronic Components Datasheet Search
  English  ▼

X  

HD6432632 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD6432632
Description  16-Bit Single-Chip Microcomputer
PDF  1487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432632 Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD6432632 Datasheet HTML 1Page - Renesas Technology Corp HD6432632 Datasheet HTML 2Page - Renesas Technology Corp HD6432632 Datasheet HTML 3Page - Renesas Technology Corp HD6432632 Datasheet HTML 4Page - Renesas Technology Corp HD6432632 Datasheet HTML 5Page - Renesas Technology Corp HD6432632 Datasheet HTML 6Page - Renesas Technology Corp HD6432632 Datasheet HTML 7Page - Renesas Technology Corp HD6432632 Datasheet HTML 8Page - Renesas Technology Corp HD6432632 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 1487 page
background image
Rev. 5.00 Mar 28, 2005 page v of lxii
Preface
These LSIs are high-performance microcomputers with a 32-bit H8S/2600 CPU core and a variety
of built-in peripheral functions necessary for a system configuration.
The built-in peripheral devices include a 16-bit timer pulse unit (TPU), a programmable pulse
generator (PPG)*
1, a watchdog timer (WDT), 8-bit timers, a 14-bit PWM timer (PWM)*1, serial
communication interfaces (SCI, IrDA*
1), an A/D converter, a D/A converter*1, and I/O ports. An
I
2C bus interface (IIC)*1 can also be incorporated as an option. An on-chip DMA controller
(DMAC)*
1 and data transfer controller (DTC)*1 perform high-speed data transfer without using
the CPU, enabling use of these LSIs as embedded microcomputers in various advanced control
systems. Two types of internal ROM-flash memory (F-ZTAT™*
2) and mask ROM-are available,
providing a quick and flexible response to conditions from ramp-up through full-scale volume
production, even for applications with frequently changing specifications.
Notes: 1. This function is not available in the H8S/2695.
2. F-ZTAT is a trademark of Renesas Technology Corp.
Target Users: This manual was written for users who will be using the H8S/2633 Group,
H8S/2633R, or H8S/2695 in the design of application systems. Readers are
expected to understand the fundamentals of electrical circuits, logic circuits, and
microcomputers.
Objective:
This manual was written to provide users with an explanation of the hardware
functions and electrical characteristics of the H8S/2633 Group, H8S/2633R, and
H8S/2695. Refer to the H8S/2600 Series, H8S/2000 Series Programming Manual
for a detailed description of the instruction set.
Notes on reading this manual:
• In order to understand the overall functions of the chip
Read the manual according to the contents. This manual is broadly divided into parts covering
the CPU, system control functions, peripheral functions, and electrical characteristics.
• In order to understand the details of the CPU's functions
Refer to the H8S/2600 Series, H8S/2000 Series Programming Manual.
Example: Bit order: The MSB is on the left and the LSB is on the right.
Related Manuals:
The latest versions of all related manuals are available from our website.
Please ensure that you have the latest versions of all documents you require.
http://www.renesas.com/eng/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com