Electronic Components Datasheet Search
  English  ▼

X  

HD6432632 Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # HD6432632
Description  16-Bit Single-Chip Microcomputer
PDF  1487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432632 Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button HD6432632 Datasheet HTML 26Page - Renesas Technology Corp HD6432632 Datasheet HTML 27Page - Renesas Technology Corp HD6432632 Datasheet HTML 28Page - Renesas Technology Corp HD6432632 Datasheet HTML 29Page - Renesas Technology Corp HD6432632 Datasheet HTML 30Page - Renesas Technology Corp HD6432632 Datasheet HTML 31Page - Renesas Technology Corp HD6432632 Datasheet HTML 32Page - Renesas Technology Corp HD6432632 Datasheet HTML 33Page - Renesas Technology Corp HD6432632 Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 1487 page
background image
Rev. 5.00 Mar 28, 2005 page xxx of lxii
Item
Page
Revision (See Manual for Details)
16.5 Usage Notes
776
Operation in Case of Mode Transmission
• Transmission
Note * added
Operation should be also stopped ... before making a transition
from transmission by DTC* transfer to module stop mode,
software standby mode, watch mode*, subactive mode*, or
subsleep mode* transition. To perform transmission with the DTC*
after the relevant mode is cleared, setting TE and TIE to 1 will set
the TXI flag and start DTC* transimmsion.
Note: * The DTC is not available in the H8S/2695.
Figure 16.28
Sample Flowchart
for Mode Transition
during Reception
779
Note * added
[2] Includes module stop mode, watch mode*, subactive mode*,
and subsleep mode*.
Note: * In the H8S/2695, the watch mode, subactive mode, and
subsleep mode are not available.
17.3.6 Data
Transfer
Operations
803
Serial Data Transmission (Except Block Transfer Mode)
Note * added
DMAC* DTC*
Note: * The DMAC and DTC are not available in the H8S/2695.
807
Serial Data Reception (Except Block Transfer Mode)
Note * added
DMAC* DTC*
Note: * The DMAC and DTC are not available in the H8S/2695.
18.2.2 Slave
Address Register
(SAR)
825
Description amended
Bit 0
 Format Select (FS): Used together with the FSX bit in
SARX to select the communication format.
826
Bit table amended
SAR
Bit 0
SARX
Bit 0
FS
FSX
Operating Mode
00
I
2C bus format
• SAR and SARX slave addresses recognized
1I
2C bus format
(Initial value)
• SAR slave address recognized
• SARX slave address ignored
10
I
2C bus format
• SAR slave address ignored
• SARX slave address recognized
1
Synchronous serial format
• SAR and SARX slave addresses ignored



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com