Electronic Components Datasheet Search
  English  ▼

X  

HD6432632 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # HD6432632
Description  16-Bit Single-Chip Microcomputer
PDF  1487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432632 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button HD6432632 Datasheet HTML 12Page - Renesas Technology Corp HD6432632 Datasheet HTML 13Page - Renesas Technology Corp HD6432632 Datasheet HTML 14Page - Renesas Technology Corp HD6432632 Datasheet HTML 15Page - Renesas Technology Corp HD6432632 Datasheet HTML 16Page - Renesas Technology Corp HD6432632 Datasheet HTML 17Page - Renesas Technology Corp HD6432632 Datasheet HTML 18Page - Renesas Technology Corp HD6432632 Datasheet HTML 19Page - Renesas Technology Corp HD6432632 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 1487 page
background image
Rev. 5.00 Mar 28, 2005 page xvi of lxii
Item
Page
Revision (See Manual for Details)
1.3.1 Pin
Arrangement
Figure 1.2 (a)
H8S/2633,
H8S/2633F,
H8S/2632,
H8S/2631 Pin
Arrangement (TFP-
120: Top View)
11
Figures amended
112 pin (Before) P72/TMO0/
TEND0/CS6/SYNCI → (After)
P72/TMO0/TEND0/CS6
Figure 1.2 (b)
H8S/2633R Pin
Arrangement (TFP-
120: Top View)
12
Figure 1.3 (a)
H8S/2633,
H8S/2633F,
H8S/2632,
H8S/2631 Pin
Arrangement
(FP-128B: Top
View)
13
Figures amended
122 pin (Before) P72/TMO0/
TEND0/CS6/SYNCI → (After)
P72/TMO0/TEND0/CS6
Figure 1.3 (b)
H8S/2633R Pin
Arrangement
(TFP-128B: Top
View)
14
1.3.2 Pin
Functions in Each
Operating Mode
Table 1.2 (a) Pin
Functions in Each
Operating Mode
(H8S/2633,
H8S/2633F,
H8S/2632,
H8S/2631)
16
Table amended
Pin No.
Pin Name
TFP-120 FP-128B Mode 4
Mode 5
Mode 6
Mode 7
11
15
VSS
VSS
VSS
VSS
12
16
PB0/A8/TIOCA3
PB0/A8/TIOCA3
PB0/A8/TIOCA3
PB0/TIOCA3
13
17
PVCC1
PVCC1
PVCC1
PVCC1
14
18
PB1/A9/TIOCB3
PB1/A9/TIOCB3
PB1/A9/TIOCB3
PB1/TIOCB3
15
19
PB2/A10/TIOCC3
PB2/A10/TIOCC3
PB2/A10/TIOCC3
PB2/TIOCC3
16
20
PB3/A11/TIOCD3
PB3/A11/TIOCD3
PB3/A11/TIOCD3
PB3/TIOCD3
17
21
PB4/A12/TIOCA4
PB4/A12/TIOCA4
PB4/A12/TIOCA4
PB4/TIOCA4
18
22
PB5/A13/TIOCB4
PB5/A13/TIOCB4
PB5/A13/TIOCB4
PB5/TIOCB4
19
23
PB6/A14/TIOCA5
PB6/A14/TIOCA5
PB6/A14/TIOCA5
PB6/TIOCA5
20
24
PB7/A15/TIOCB5
PB7/A15/TIOCB5
PB7/A15/TIOCB5
PB7/TIOCB5
21
25
PA0/A16
PA0/A16
PA0/A16
PA0
22
26
PA1/A17/TxD2
PA1/A17/TxD2
PA1/A17/TxD2
PA1/TxD2
23
27
PA2/A18/RxD2
PA2/A18/RxD2
PA2/A18/RxD2
PA2/RxD2
24
28
PA3/A19/SCK2
PA3/A19/SCK2
PA3/A19/SCK2
PA3/SCK2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com