Electronic Components Datasheet Search
  English  ▼

X  

HD6432632 Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # HD6432632
Description  16-Bit Single-Chip Microcomputer
PDF  1487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432632 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button HD6432632 Datasheet HTML 23Page - Renesas Technology Corp HD6432632 Datasheet HTML 24Page - Renesas Technology Corp HD6432632 Datasheet HTML 25Page - Renesas Technology Corp HD6432632 Datasheet HTML 26Page - Renesas Technology Corp HD6432632 Datasheet HTML 27Page - Renesas Technology Corp HD6432632 Datasheet HTML 28Page - Renesas Technology Corp HD6432632 Datasheet HTML 29Page - Renesas Technology Corp HD6432632 Datasheet HTML 30Page - Renesas Technology Corp HD6432632 Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 1487 page
background image
Rev. 5.00 Mar 28, 2005 page xxvii of lxii
Item
Page
Revision (See Manual for Details)
10A.9.1 Overview
Figure 10A.12 Port
C Pin Functions
420
Figure amended
PC7/A7/PWM1
PC6/A6/PWM0
PC5/A5
PC4/A4
PC3/A3
PC2/A2
PC1/A1
PC0/A0
Port C
Port C pins
Pin functions in mode 7
A7
A6
A5
A4
A3
A2
A1
A0
(output)
(output)
(output)
(output)
(output)
(output)
(output)
(output)
Pin functions in modes 4 and 5
PC7
PC6
PC5
PC4
PC3
PC2
PC1
PC0
(I/O) / PWM1 (output)
(I/O) / PWM0 (output)
(I/O)
(I/O)
(I/O)
(I/O)
(I/O)
(I/O)
Pin functions in mode 6
When PCDDR = 1
A7 (output)
A6 (output)
A5 (output)
A4 (output)
A3 (output)
A2 (output)
A1 (output)
A0 (output)
When PCDDR = 0
PC7 (input) / PWM1 (output)
PC6 (input) / PWM0 (output)
PC5 (input)
PC4 (input)
PC3 (input)
PC2 (input)
PC1 (input)
PC0 (input)
10A.13.2 Register
Configuration
444
Port A Data Direction Register (PADDR)
Description amended
... In modes 4 and 5, the PGDDR bits are initialized to H'10 ...
10B.3.3 Pin
Functions
472
Description amended
The port 3 pins double as SCI I/O input pins (TxD0, RxD0, SCK0,
TxD1, RxD1, SCK1, TxD4, RxD4, SCK4), external interrupt input
pins (
IRQ4, IRQ5). The functions ...
10B.4.1 Overview
475
Description amended
... Port 4 pins also function as A/D converter analog input pins
(AN0 to AN7). ...
10B.5.3 Pin
Functions
Table 10B.8 Port 7
Pin Functions
481
Table amended
Pin
Selection Method and Pin Functions
P72/
Switches as follows according to combinations of operating mode and the P72DDR
bit.
Operating
Mode
Modes 4 to 6
Mode 7
P72DDR
0
1
0
1
Pin function
P72 input
pin
output
pin
P72 input
pin
P72 output
pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com