Electronic Components Datasheet Search
  English  ▼

X  

HD6432632 Datasheet(PDF) 99 Page - Renesas Technology Corp

Part # HD6432632
Description  16-Bit Single-Chip Microcomputer
PDF  1487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432632 Datasheet(HTML) 99 Page - Renesas Technology Corp

Back Button HD6432632 Datasheet HTML 95Page - Renesas Technology Corp HD6432632 Datasheet HTML 96Page - Renesas Technology Corp HD6432632 Datasheet HTML 97Page - Renesas Technology Corp HD6432632 Datasheet HTML 98Page - Renesas Technology Corp HD6432632 Datasheet HTML 99Page - Renesas Technology Corp HD6432632 Datasheet HTML 100Page - Renesas Technology Corp HD6432632 Datasheet HTML 101Page - Renesas Technology Corp HD6432632 Datasheet HTML 102Page - Renesas Technology Corp HD6432632 Datasheet HTML 103Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 1487 page
background image
Section 1 Overview
Rev. 5.00 Mar 28, 2005 page 37 of 1422
REJ09B0234-0500
Table 1.3 (b) Pin Functions (H8S/2633R)
Type
Symbol
I/O
Name and Function
Power
VCL
Output
On-chip power supply stabilizer pin: The VCL pin need
not be connected to the power supply. Connect this pin
to VSS via a 0.1
µF capacitor (placed close to the
pins).
PVCC1,
PVCC2
Input
Port power supply pin. Connect all pins to the same
power supply.
VSS
Input
Ground: For connection to ground
(0 V). All VSS pins should be connected to the system
power supply (0 V).
Clock
PLLVSS
Input
PLL ground: Ground for on-chip PLL oscillator.
PLLCAP
Input
PLL capacitance: External capacitance pin for on-chip
PLL oscillator.
XTAL
Input
Connects to a crystal oscillator.
See section 23B, Clock Pulse Generator (H8S/2633R,
H8S/2695), for typical connection diagrams for a
crystal oscillator and external clock input.
EXTAL
Input
Connects to a crystal oscillator.
The EXTAL pin can also input an external clock.
See section 23B, Clock Pulse Generator (H8S/2633R,
H8S/2695), for typical connection diagrams for a
crystal oscillator and external clock input.
OSC1
Input
Subclock: Connects to a 32.768 kHz crystal oscillator.
See section 23B, Clock Pulse Generator (H8S/2633R,
H8S/2695), for examples of connections to a crystal
oscillator.
OSC2
Input
Subclock: Connects to a 32.768 kHz crystal oscillator.
See section 23B, Clock Pulse Generator (H8S/2633R,
H8S/2695), for examples of connections to a crystal
oscillator.
φ
Output
System clock: Supplies the system clock to an external
device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com