Electronic Components Datasheet Search
  English  ▼

X  

HD6432632 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # HD6432632
Description  16-Bit Single-Chip Microcomputer
PDF  1487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432632 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button HD6432632 Datasheet HTML 25Page - Renesas Technology Corp HD6432632 Datasheet HTML 26Page - Renesas Technology Corp HD6432632 Datasheet HTML 27Page - Renesas Technology Corp HD6432632 Datasheet HTML 28Page - Renesas Technology Corp HD6432632 Datasheet HTML 29Page - Renesas Technology Corp HD6432632 Datasheet HTML 30Page - Renesas Technology Corp HD6432632 Datasheet HTML 31Page - Renesas Technology Corp HD6432632 Datasheet HTML 32Page - Renesas Technology Corp HD6432632 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 1487 page
background image
Rev. 5.00 Mar 28, 2005 page xxix of lxii
Item
Page
Revision (See Manual for Details)
11.2.1 Timer
Control Register
(TCR)
534
Bits 4 and 3
Clock Edge 1 and 0 (CKEG1, CKEG0)
Note of bit table amended
Note: Internal clock edge selection is valid when the input clock is
φ/4 or slower. This setting is ignored if the input clock is φ/1, or
when overflow/underflow of another channel is selected. (The
clock is counted at the falling edge when
φ/1 is selected.)
11.7 Usage Notes
Figure 11.57
Contention
between TCNT
Write and Overflow
615
Figure amended
TCNT
H'FFFF
M
TCFV flag
Prohibited
15.1.2 Block
Diagram
Figure 15.1 (a)
Block Diagram of
WDT0
684
Note *2 added
Overflow
Interrupt
control
WOVI 0
(interrupt request
signal)
WDTOVF
Internal reset signal*1
Reset
control
φ/2*2
φ/64*2
φ/128*2
φ/512*2
φ/2048*2
φ/8192*2
φ/32768*2
φ/131072*2
Clock
Clock
select
Internal clock
sources
Notes: 1. The type of internal reset signal depends on a register
setting.
2. The
φ in the subactive and subsleep mode is φSUB.
15.2.2 Timer
Control/Status
Register (TCSR)
691
WDT0 Input Clock Select
Note *2 added
Clock*
2 Overflow Period*1
Notes: 1. An overflow period is the time interval ...
2. The
φ in the subactive and subsleep mode is φSUB.
16.3.2 Operation
in Asynchronous
Mode
Figure 16.7
Sample Serial
Reception Data
Format
746
Note * added
DMAC* DTC*
Note: * The DMAC and DTC are not available in the H8S/2695.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com