Electronic Components Datasheet Search
  English  ▼

X  

HD6432632 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD6432632
Description  16-Bit Single-Chip Microcomputer
PDF  1487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432632 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HD6432632 Datasheet HTML 3Page - Renesas Technology Corp HD6432632 Datasheet HTML 4Page - Renesas Technology Corp HD6432632 Datasheet HTML 5Page - Renesas Technology Corp HD6432632 Datasheet HTML 6Page - Renesas Technology Corp HD6432632 Datasheet HTML 7Page - Renesas Technology Corp HD6432632 Datasheet HTML 8Page - Renesas Technology Corp HD6432632 Datasheet HTML 9Page - Renesas Technology Corp HD6432632 Datasheet HTML 10Page - Renesas Technology Corp HD6432632 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 1487 page
background image
Rev. 5.00 Mar 28, 2005 page vii of lxii
Comparison of H8S/2633, H8S/2632, H8S/2631,
H8S/2633F-ZTAT, H8S/2633RF-ZTAT, and H8S/2695
Product Specifications
A comparative listing of the specifications of the H8S/2633, H8S/2632, H8S/2631, H8S/2633F-
ZTAT, H8S/2633RF-ZTAT, and H8S/2695 is provided below.
Comparison of H8S/2633, H8S/2632, H8S/2631, H8S/2633F-ZTAT, H8S/2633RF-ZTAT, and
H8S/2695 Product Specifications
H8S/2633 Group
H8S/2633R Group
H8S/2633F-ZTAT
H8S/2633
H8S/2632
H8S/2631
H8S/2633RF-ZTAT
H8S/2695
Model
HD64F2633F25
HD64F2633TE25
HD64F2633F16
HD64F2633TE16
HD6432633F25
HD6432633TE25
HD6432633F16
HD6432633TE16
HD6432632F25
HD6432632TE25
HD6432632F16
HD6432632TE16
HD6432631F25
HD6432631TE25
HD6432631F16
HD6432631TE16
HD64F2633RF28
HD64F2633RTE28
HD6432695F28
RAM
16 kbytes
16 kbytes
12 kbytes
8 kbytes
16 kbytes
8 kbytes
ROM
256-kbyte flash
memory
256-kbyte mask
ROM
192-kbyte mask
ROM
128-kbyte mask
ROM
256-kbyte flash
memory
192-kbyte mask
ROM
ROM,
RAM
memory
map
H'000000
H'01FFFF
H'02FFFF
H'03FFFF
H'FFB000
H'FFC000
H'FFD000
H'FFEFBF
H'FFFFC0
H'FFFFFF
On-chip
ROM
(256 kbytes)
On-chip
RAM
(16k-64)bytes
On-chip
RAM
(64 bytes)
On-chip
ROM
(192 kbytes)
On-chip
RAM
(12k-64)bytes
On-chip
RAM
(64 bytes)
On-chip
ROM
(128 kbytes)
On-chip
RAM
(8k-64)bytes
On-chip
RAM
(64 bytes)
On-chip
ROM
(256 kbytes)
On-chip
RAM
(16k-64)bytes
On-chip
RAM
(64 bytes)
On-chip
ROM
(192 kbytes)
On-chip
RAM
(8k-64)bytes
On-chip
RAM
(64 bytes)
Input clock
frequency
range
2 to 25 MHz* (2 to 16 MHz for 16 MHz operation version)
Operating
frequency
range
25 MHz operation version: 2 to 25 MHz
16 MHz operation version: 2 to 16 MHz
2 to 28 MHz*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com