Electronic Components Datasheet Search
  English  ▼

X  

HD6432632 Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # HD6432632
Description  16-Bit Single-Chip Microcomputer
PDF  1487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432632 Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button HD6432632 Datasheet HTML 93Page - Renesas Technology Corp HD6432632 Datasheet HTML 94Page - Renesas Technology Corp HD6432632 Datasheet HTML 95Page - Renesas Technology Corp HD6432632 Datasheet HTML 96Page - Renesas Technology Corp HD6432632 Datasheet HTML 97Page - Renesas Technology Corp HD6432632 Datasheet HTML 98Page - Renesas Technology Corp HD6432632 Datasheet HTML 99Page - Renesas Technology Corp HD6432632 Datasheet HTML 100Page - Renesas Technology Corp HD6432632 Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 1487 page
background image
Section 1 Overview
Rev. 5.00 Mar 28, 2005 page 35 of 1422
REJ09B0234-0500
Type
Symbol
I/O
Name and Function
14-bit PWM timer
(PWMX)
PWM0 to
PWM3
Output
PWMX timer output: PWM D/A pulse output pins.
Watchdog
timer (WDT)
WDTOVF
Output
Watchdog timer overflows: The counter overflows
signal output pin in watchdog timer mode.
BUZZ
Output
BUZZ output: Output pins for the pulse divided by the
watchdog timer.
TxD4, TxD3,
TxD2, TxD1,
TxD0
Output
Transmit data (channel 0 to 4): Data output pins.
RxD4, RxD3,
RxD2, RxD1,
RxD0
Input
Receive data (channel 0 to 4): Data input pins.
Serial
communication
interface (SCI)/
Smart Card
interface
SCK4, SCK3,
SCK2, SCK1,
SCK0
I/O
Serial clock (channel 0 to 4): Clock I/O pins.
SCK0 output type is NMOS push-pull.
IrDA-equipped
SCI 1 channel
(SCI0)
IrTxD
IrRxD
Output/
Input
IrDA transmission data/receive data: Input/output pins
for the data encoded for the IrDA.
I
2C bus interface
(IIC) (optional)
SCL0
SCL1
I/O
I
2C clock input (channel 1, 0):
I
2C clock input/output pins.
These functions have a bus driving function.
SCL0's output format is an NMOS open drain.
SDA0
SDA1
I/O
I
2C data input/output (channel 1, 0):
I
2C clock input/output pins.
These functions have a bus driving function.
SCL0's output format is an NMOS open drain.
A/D converter
AN15 to AN0 Input
Analog 15 to 0: Analog input pins.
ADTRG
Input
A/D conversion external trigger input: Pin for input of
an external trigger to start A/D conversion.
D/A converter
DA3 to DA0
Output
Analog output: Analog output pins for D/A converter.
A/D converter,
D/A converter
AVCC
Input
A/D converter and D/A converter power supply pin.
When the A/D converter and D/A converter are not
used, this pin should be connected to the system
power supply (+5 V).
AVSS
Input
Analog circuit ground and reference voltage
A/D converter and D/A converter ground and reference
voltage.
Connect to system power supply (0 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com