Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM335 Datasheet(PDF) 120 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM335
Description  Digital Media System-on-Chip (DMSoC)
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM335 Datasheet(HTML) 120 Page - Texas Instruments

Back Button TMS320DM335 Datasheet HTML 116Page - Texas Instruments TMS320DM335 Datasheet HTML 117Page - Texas Instruments TMS320DM335 Datasheet HTML 118Page - Texas Instruments TMS320DM335 Datasheet HTML 119Page - Texas Instruments TMS320DM335 Datasheet HTML 120Page - Texas Instruments TMS320DM335 Datasheet HTML 121Page - Texas Instruments TMS320DM335 Datasheet HTML 122Page - Texas Instruments TMS320DM335 Datasheet HTML 123Page - Texas Instruments TMS320DM335 Datasheet HTML 124Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 158 page
background image
5.9.1.4 VPFE Electrical Data/Timing
PCLK
2
1
3
4
4
TMS320DM335
Digital Media System-on-Chip (DMSoC)
SPRS528A – JULY 2008 – REVISED AUGUST 2008
www.ti.com
Table 5-17. Timing Requirements for VPFE PCLK Master/Slave Mode(1) (see Figure 5-23)
NO.
MIN
MAX
UNIT
H3A not used
13.33 or P(2)
100
ns
1
tc(PCLK)
Cycle time, PCLK
H3A used
2P + 1
100
ns
2
tw(PCLKH)
Pulse duration, PCLK high
5.7
ns
3
tw(PCLKL)
Pulse duration, PCLK low
5.7
ns
4
tt(PCLK)
Transition time, PCLK
3
ns
(1)
P = 1/SYSCLK4 in nanoseconds (ns). For example, if the SYSCLK4 frequency is 135 MHz, use P = 7.41 ns. See Section 3.5, Device
Clocking, for more information on the supported clock configurations of the DM335.
(2)
Use whichever value is greater.
Figure 5-23. VPFE PCLK Timing
Table 5-18. Timing Requirements for VPFE (CCD) Slave Mode (see Figure 5-24)
DM335
NO.
UNIT
MIN
MAX
5
tsu(CCDV-PCLK)
Setup time, CCD valid before PCLK edge
3
ns
6
th(PCLK-CCDV)
Hold time, CCD valid after PCLK edge
2
ns
7
tsu(HDV-PCLK)
Setup time, HD valid before PCLK edge
3
ns
8
th(PCLK-HDV)
Hold time, HD valid after PCLK edge
2
ns
9
tsu(VDV-PCLK)
Setup time, VD valid before PCLK edge
3
ns
10
th(PCLK-VDV)
Hold time, VD valid after PCLK edge
2
ns
tsu(CAM_WEN_FIELD
11
Setup time, CAM_WEN_FIELD valid before PCLK edge
3
ns
V-PCLK)
th(CAM_WEN_FIELDV
12
Hold time, C_WEN_FIELD valid after PCLK edge
2
ns
-PCLK)
DM335 Peripheral Information and Electrical Specifications
120
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com