Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM335 Datasheet(PDF) 121 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM335
Description  Digital Media System-on-Chip (DMSoC)
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM335 Datasheet(HTML) 121 Page - Texas Instruments

Back Button TMS320DM335 Datasheet HTML 117Page - Texas Instruments TMS320DM335 Datasheet HTML 118Page - Texas Instruments TMS320DM335 Datasheet HTML 119Page - Texas Instruments TMS320DM335 Datasheet HTML 120Page - Texas Instruments TMS320DM335 Datasheet HTML 121Page - Texas Instruments TMS320DM335 Datasheet HTML 122Page - Texas Instruments TMS320DM335 Datasheet HTML 123Page - Texas Instruments TMS320DM335 Datasheet HTML 124Page - Texas Instruments TMS320DM335 Datasheet HTML 125Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 158 page
background image
PCLK
(PositiveEdgeClocking)
PCLK
(NegativeEdgeClocking)
7,9
HD/VD
CI[7:0]/YI[7:0]/
CCD[13:0]
8,10
11
12
5
6
CAM_WEN_FIELD
PCLK
(PositiveEdgeClocking)
15
16
23
24
CI[7:0]/YI[7:0]/
CCD[13:0]
CAM_WEN_FIELD
PCLK
(PositiveEdgeClocking)
TMS320DM335
Digital Media System-on-Chip (DMSoC)
www.ti.com
SPRS528A – JULY 2008 – REVISED AUGUST 2008
Figure 5-24. VPFE (CCD) Slave Mode Input Data Timing
Table 5-19. Timing Requirements for VPFE (CCD) Master Mode(1) (see Figure 5-25)
DM335
NO.
UNIT
MIN
MAX
15
tsu(CCDV-PCLK)
Setup time, CCD valid before PCLK edge
3
ns
16
th(PCLK-CCDV)
Hold time, CCD valid after PCLK edge
2
ns
tsu(CAM_WEN_FIELD
23
Setup time, CAM_WEN_FIELD valid before PCLK edge
3
ns
V-PCLK)
th(PCLK-
24
Hold time, CAM_WEN_FIELD valid after PCLK edge
2
ns
CAM_WEN_FIELDV)
(1)
The VPFE may be configured to operate in either positive or negative edge clocking mode. When in positive edge clocking mode the
rising edge of PCLK is referenced. When in negative edge clocking mode the falling edge of PCLK is referenced.
Figure 5-25. VPFE (CCD) Master Mode Input Data Timing
Submit Documentation Feedback
DM335 Peripheral Information and Electrical Specifications
121



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com