Electronic Components Datasheet Search
  English  ▼

X  

TDA7272A Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7272A
Description  HIGH PERFORMANCE MOTOR SPEED REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7272A Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7272A Datasheet HTML 3Page - STMicroelectronics TDA7272A Datasheet HTML 4Page - STMicroelectronics TDA7272A Datasheet HTML 5Page - STMicroelectronics TDA7272A Datasheet HTML 6Page - STMicroelectronics TDA7272A Datasheet HTML 7Page - STMicroelectronics TDA7272A Datasheet HTML 8Page - STMicroelectronics TDA7272A Datasheet HTML 9Page - STMicroelectronics TDA7272A Datasheet HTML 10Page - STMicroelectronics TDA7272A Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Pin 2
Timing resistor. An internal reference voltage
(V2 = 0.8 V) gives possibility to fix by an external
resistor (RT), from this pin and ground, the output
current amplitude of the monostable circuit, which
will be reflected into the timing capacitor (pin 3) ;
the typical value would be about 50
µ A.
Pin 3
Timing capacitor. A constant current, determined
by the pin 2 resistor, flowing into a capacitor be-
tween pin 3 and ground provides the output pulse
width of the monostable circuit, the max voltage
at pin 3 is fixed by an internal threshold : after
reaching this value the capacitor is rapidly dis-
charged and the pulse width is fixed to the value :
Ton = 2.88 RT CT (fig. 6)
Pin 4
Not connected.
Pin 5
Ground. Connected with pins 6, 15, 16.
Pin 6
Ground. Connected with pins 5, 15, 16.
Pin 7
Not connected.
Pin 8
Input V/I loop. Receives from pin 10, through a
low pass filter, the voltage with the information of
the current flowing into the motor and produces a
negative resistance output :
Rout =
− 9RS (fig. 7)
For compensating the motor resistance and
avoiding instability :
RS
RMOTOR
9
The optimization of the resistor RS for the tacho-
metric control must not give a voltage too high for
the V/I stage : one solution can be to divide in two
parts, as shown in fig. 8, with :
RS2 =
RM
10
and RS1 + RS2
30mV
∆ I mot min.
(see pin 1 sect.)
The low pass filter RL,CL must be calculated in
order to reduce the ripple of the motor commuta-
tion at least 20 dB. Another example of possible
pins 10-8 connections is showed on fig. 9. A
choke can be used in order to reduce the radia-
tion.
Figure 5.
Figure 6.
Figure 7.
TDA7272A
7/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com