Electronic Components Datasheet Search
  English  ▼

X  

TDA7272A Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7272A
Description  HIGH PERFORMANCE MOTOR SPEED REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7272A Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7272A Datasheet HTML 1Page - STMicroelectronics TDA7272A Datasheet HTML 2Page - STMicroelectronics TDA7272A Datasheet HTML 3Page - STMicroelectronics TDA7272A Datasheet HTML 4Page - STMicroelectronics TDA7272A Datasheet HTML 5Page - STMicroelectronics TDA7272A Datasheet HTML 6Page - STMicroelectronics TDA7272A Datasheet HTML 7Page - STMicroelectronics TDA7272A Datasheet HTML 8Page - STMicroelectronics TDA7272A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TEST CIRCUIT
ELCTRICAL CHARACTERISTICS (Tamb =25
°C; VS = 13.5V unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VS
Operating Supply Voltage
5.5
18
V
IS
Supply Current
No load
5
12
mA
OUTPUT STAGE
IO
Output Currente Pulse
1
A
IO
Output Currente Continuous
250
mA
V10,9,12
Voltage Drop
IO = 250mA
1.2
1.5
V
V11,9,12
Voltage Drop
IO = 250mA
1.7
2
V
MAIN AMPLIFIER
R14
Input Resistance
100
K
Ω
Ib
Bias Current
50
nA
VOFF
Offset Voltage
1
5
mV
VR
Reference Voltage
Internal at non inverting input
2.3
V
A
TDA7272A
3/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com