Electronic Components Datasheet Search
  English  ▼

X  

TDA7272A Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7272A
Description  HIGH PERFORMANCE MOTOR SPEED REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7272A Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7272A Datasheet HTML 1Page - STMicroelectronics TDA7272A Datasheet HTML 2Page - STMicroelectronics TDA7272A Datasheet HTML 3Page - STMicroelectronics TDA7272A Datasheet HTML 4Page - STMicroelectronics TDA7272A Datasheet HTML 5Page - STMicroelectronics TDA7272A Datasheet HTML 6Page - STMicroelectronics TDA7272A Datasheet HTML 7Page - STMicroelectronics TDA7272A Datasheet HTML 8Page - STMicroelectronics TDA7272A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
The TDA7272A novel applied solution is based
on a tachometer control system without using
such extra tachometer system. The information of
the actual motor speed is extracted from the mo-
tor itself. A DC motor with an odd number of poles
generates a motor current which contains a fixed
number of discontinuities within each rotation. (6
for the 3 pole motor example on fig. 1)
Deriving this inherent speed information from the
motor current, it can be used as a replacement of
a low resolution AC tachometer system. Because
the settling time of the control loop is limited on
principle by the resolution in time of the tachome-
ter, this control principle offers a poor reaction
time for motors with a low number of poles. The
realized circuit is extended by a second feed for-
ward loop in order to improve such system by a
fast auxiliary control path.
This additional path senses the mean output cur-
rent and varies the output voltage according to
the voltage drop across the inner motor resis-
tance. Apart from a current averaging filter, there
is no delay in such loop and a fast settling behav-
iour is reached in addition to the long term speed
motor accuracy.
ELECTRICAL CHARACTERISTICS (Continued)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
CURRENT SENSE AMPLIFIER
R8
Input Resistance
100
K
Ω
GL
Loop Gain
9
TRIGGER AND MONOSTABLE STAGE
VIN1
Input Allowed Voltage
-0.7
3
V
RIN1
Input Resistance
500
Ω
VT Low
Trigger Level
0
V
VTB
Bias Voltage (pin 1)
15
20
25
mV
VTH
Trigger Histeresis
10
mV
V2 REF
Reference Voltage
750
800
850
mV
SPEED PROGRAMMING, DIRECTION CONTROL LOGIC AND CURRENT SOURCE PROGRAMMING
V18,19 Low
Input Low Level
0.7
V
V18,19 High
Input High Level
2
V
I18,19
Input Current
0 < V18,19 <VS
2
µA
V17,20 REF
Reference Voltage
735
800
865
mV
Figure 1: Equivalent of a 3 Pole DC Motor (a) and Typical motor Current Waveform (b).
TDA7272A
4/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com