Electronic Components Datasheet Search
  English  ▼

X  

TDA7272A Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7272A
Description  HIGH PERFORMANCE MOTOR SPEED REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7272A Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7272A Datasheet HTML 6Page - STMicroelectronics TDA7272A Datasheet HTML 7Page - STMicroelectronics TDA7272A Datasheet HTML 8Page - STMicroelectronics TDA7272A Datasheet HTML 9Page - STMicroelectronics TDA7272A Datasheet HTML 10Page - STMicroelectronics TDA7272A Datasheet HTML 11Page - STMicroelectronics TDA7272A Datasheet HTML 12Page - STMicroelectronics TDA7272A Datasheet HTML 13Page - STMicroelectronics TDA7272A Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Inverting input of main amplifier. In this pin the
current reference programmed at pins 20, 17 is
compared with the current from the monostable
(stream of rectangular pulses).
In steady-state condition (constant motor speed)
the values are equal and the capacitor CF voltage
is constant.
This means for the speed n (min 1):
n
=
10.435
CT kRP
where ”k” is the number of collector segments.
(poles)
The non inverting input of the main amplifier is in-
ternally connected to a reference voltage (2.3 V).
Pin 15
Ground.
Pin 16
Ground.
Pin 17
Left speed adjustment. The voltage at this pin is
fixed to a reference value of 0.8 V. A resistor from
this pin and ground (fig. 14) fixes the reference
current which will be compared with the medium
output current of the monostable in order to fix the
speed of the motor at the programmed value. The
correct value of Rp would be :
RP
=
10.435
CT kn
n = motor speed, (min -1)
k = poles number
The control of speed can be done in different
way:
- speed separately programmed in two
senses of rotation (fig. 14-15) ;
- only one speed for the two senses of rota-
tion (fig. 16) ;
- speeds of the two senses a bit different (i.e.
for compensating different pulley effects)
(fig. 17) ;
- speed programmed with a DC voltage (fig.
18) i.e. with DA converter ;
Figure 14.
Figure 15.
Figure 16.
Figure 17.
TDA7272A
10/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com