Electronic Components Datasheet Search
  English  ▼

X  

TDA7272A Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7272A
Description  HIGH PERFORMANCE MOTOR SPEED REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7272A Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7272A Datasheet HTML 1Page - STMicroelectronics TDA7272A Datasheet HTML 2Page - STMicroelectronics TDA7272A Datasheet HTML 3Page - STMicroelectronics TDA7272A Datasheet HTML 4Page - STMicroelectronics TDA7272A Datasheet HTML 5Page - STMicroelectronics TDA7272A Datasheet HTML 6Page - STMicroelectronics TDA7272A Datasheet HTML 7Page - STMicroelectronics TDA7272A Datasheet HTML 8Page - STMicroelectronics TDA7272A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TDA7272A
HIGH PERFORMANCE MOTOR SPEED REGULATOR
TACHIMETRIC SPEED REGULATION WITH
NO NEED FOR AN EXTERNAL SPEED PICK-
UP
V/I SUPPLEMENTARY PREREGULATION
DIGITAL CONTROL OF DIRECTION AND
MOTOR STOP
SEPARATE SPEED ADJUSTMENT
5.5V TO 18V OPERATING SUPPLY VOLT-
AGE
1A PEAK OUTPUT CURRENT
OUTPUT CLAMP DIODES INCLUDED
SHORT CIRCUIT CURRENT PROTECTION
THERMAL SHUT DOWN WITH HYSTERESIS
DUMP PROTECTION (40V)
ESD PROTECTION
DESCRIPTION
TDA7272A are high performance motor speed
controller for small power DC motors as used in
cassette players.
Using the motor as a digital tachogenerator itself
the performance of true tacho controlled systems
is reached.
A dual loop control circuit provides long term sta-
bility and fast settling behaviour.
This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
June 1992
BLOCK DIAGRAM
Powerdip(16+2+2)
ORDERING NUMBER: TDA7272A
1/16


Similar Part No. - TDA7272A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7273 STMICROELECTRONICS-TDA7273 Datasheet
124Kb / 9P
SINGLE CHIP STEREO CASSETTE PLAYBACK SYSTEM
May-1997
TDA7273D STMICROELECTRONICS-TDA7273D Datasheet
124Kb / 9P
SINGLE CHIP STEREO CASSETTE PLAYBACK SYSTEM
May-1997
TDA7274 STMICROELECTRONICS-TDA7274 Datasheet
108Kb / 10P
LOW-VOLTAGE DC MOTOR SPEED CONTROLLER
Nov-1988
TDA7275A STMICROELECTRONICS-TDA7275A Datasheet
65Kb / 7P
MOTOR SPEED REGULATOR
May-1997
TDA7278 STMICROELECTRONICS-TDA7278 Datasheet
142Kb / 15P
HIGH-EFFICIENCY CD ACTUATOR DRIVER
Mar-1997
More results

Similar Description - TDA7272A

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1844 NTE-NTE1844 Datasheet
23Kb / 3P
Integrated Circuit Motor Speed Regulator
logo
STMicroelectronics
TDA1151 STMICROELECTRONICS-TDA1151 Datasheet
131Kb / 8P
MOTOR SPEED REGULATOR
Mar-1993
TDA7275A STMICROELECTRONICS-TDA7275A Datasheet
65Kb / 7P
MOTOR SPEED REGULATOR
May-1997
logo
NXP Semiconductors
TDA1059B PHILIPS-TDA1059B Datasheet
194Kb / 5P
MOTOR SPEED REGULATOR WITH THERMAL SHUT-DOWN
November 1982
logo
Bourns Electronic Solut...
P40-G BOURNS-P40-G Datasheet
548Kb / 7P
Extremely high speed performance
P500-G BOURNS-P500-G Datasheet
755Kb / 7P
Extremely high speed performance
P650-U BOURNS-P650-U Datasheet
705Kb / 6P
Extremely high speed performance
logo
Exar Corporation
SP211EH EXAR-SP211EH Datasheet
745Kb / 16P
High Speed 5V High Performance
logo
NXP Semiconductors
KMI23 NXP-KMI23_2 Datasheet
293Kb / 20P
High performance rotational speed sensor
Rev. 1-28 April 2016
logo
promoco-motors.com
DC31 PROMOCO-DC31 Datasheet
138Kb / 1P
High Performance DC-motor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com