Electronic Components Datasheet Search
  English  ▼

X  

TDA7272A Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7272A
Description  HIGH PERFORMANCE MOTOR SPEED REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7272A Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7272A Datasheet HTML 1Page - STMicroelectronics TDA7272A Datasheet HTML 2Page - STMicroelectronics TDA7272A Datasheet HTML 3Page - STMicroelectronics TDA7272A Datasheet HTML 4Page - STMicroelectronics TDA7272A Datasheet HTML 5Page - STMicroelectronics TDA7272A Datasheet HTML 6Page - STMicroelectronics TDA7272A Datasheet HTML 7Page - STMicroelectronics TDA7272A Datasheet HTML 8Page - STMicroelectronics TDA7272A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
BLOCK DESCRIPTION
The principle structure of the element is shown in
fig. 2. As to be seen, the motor speed information
is derived from the motor current sense drop
across the resistors RS ; capacitor CD together
with the input impedance of 500
Ω at pin 1 real-
izes a high pass filter.
This pin is internally biased at 20 mV, each nega-
tive zero transition switches the input comparator.
A 10 mV hysteresis improves the noise immunity.
The trigger circuit is followed by an internal delay
time differentiator.
Thus, the system becomes widely independent of
the applied waveform at pin 1, the differentiator
triggers a monostable circuit which provides a
constant current duration. Both, output current
magnitude and duration T, are adjustable by ex-
ternal elements CT and RT.
The monostable is retriggerable ; this function
prevents the system from fault stabilization at
higher harmonics of the nominal frequency.
The speed programming current is generated by
two separate external adjustable current sources.
A corresponding digital input signal enables each
current source for left or right rotation direction.
Resistor RP1 and RP2 define the speed, the logi-
cal inputs are at pin 18 and 19.
At the inverting input (pin 14) of the main amplifier
the reference current is compared with the pulsed
monostable output current.
For the correct motor speed, the reference cur-
rent matches the mean value of the pulsed
monostable current. In this condition the charge
of the feedback capacitor becomes constant.
Figure 2: Application Circuit.
TDA7272A
5/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com