Electronic Components Datasheet Search
  English  ▼

X  

MAX8521 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX8521
Description  Smallest TEC Power Drivers for Optical Modules
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8521 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX8521 Datasheet HTML 3Page - Maxim Integrated Products MAX8521 Datasheet HTML 4Page - Maxim Integrated Products MAX8521 Datasheet HTML 5Page - Maxim Integrated Products MAX8521 Datasheet HTML 6Page - Maxim Integrated Products MAX8521 Datasheet HTML 7Page - Maxim Integrated Products MAX8521 Datasheet HTML 8Page - Maxim Integrated Products MAX8521 Datasheet HTML 9Page - Maxim Integrated Products MAX8521 Datasheet HTML 10Page - Maxim Integrated Products MAX8521 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Smallest TEC Power Drivers for Optical
Modules
_______________________________________________________________________________________
7
SWITCHING FREQUENCY CHANGE vs. VDD
VDD (V)
5.0
4.5
4.0
3.5
200
400
600
800
1000
1200
0
3.0
5.5
FREQ = 500kHz
FREQ = 1MHz
SWITCHING FREQUENCY vs. REXT
REXT (k
Ω)
140
120
100
80
500
600
700
800
900
1000
1100
400
60
160
VDD = 3.3V
VDD = 5V
VDD STEP RESPONSE
MAX8520/21 toc19
10ms/div
VDD
2V/div
ITEC
10mA/div
1A
0V
REFERENCE VOLTAGE CHANGE vs. VDD
VDD (V)
5.0
4.5
4.0
3.5
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
-1.4
3.0
5.5
REF SOURCING 150
µA
REFERENCE VOLTAGE CHANGE
vs. TEMPERATURE
TEMPERATURE (
°C)
+80
+40
+60
0
+20
-20
-4
-3
-2
-1
0
1
2
3
4
5
-5
-40
REF SOURCING 150
µA
REFERENCE VOLTAGE CHANGE
vs. LOAD CURRENT
LOAD CURRENT (mA)
0.8
0.6
0.4
0.2
-10
-8
-6
-4
-2
0
-12
01.0
STARTUP AND SHUTDOWN WAVEFORMS
MAX8520/21 toc17
200
µs/div
VSHDN
5V/div
ITEC
500mA/div
IDD
200mA/div
0mA
0mA
0V
CTLI STEP RESPONSE
MAX8520/21 toc18
1ms
VCTLI
1V/div
ITEC
1A/div
0A
1.5V
Typical Operating Characteristics (continued)
(VDD = 5V, circuit of Figure 1, TA = +25°C unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com