Electronic Components Datasheet Search
  English  ▼

X  

MAX8521 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX8521
Description  Smallest TEC Power Drivers for Optical Modules
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8521 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX8521 Datasheet HTML 1Page - Maxim Integrated Products MAX8521 Datasheet HTML 2Page - Maxim Integrated Products MAX8521 Datasheet HTML 3Page - Maxim Integrated Products MAX8521 Datasheet HTML 4Page - Maxim Integrated Products MAX8521 Datasheet HTML 5Page - Maxim Integrated Products MAX8521 Datasheet HTML 6Page - Maxim Integrated Products MAX8521 Datasheet HTML 7Page - Maxim Integrated Products MAX8521 Datasheet HTML 8Page - Maxim Integrated Products MAX8521 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Smallest TEC Power Drivers for Optical
Modules
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(VDD = VPVDD1 = VPVDD2 = VSHDN = 5V, 1MHz mode (Note2). PGND1 = PGND2 = GND, CTLI = MAXV = MAXIP = MAXIN = REF,
TA = -40°C to +85°C, unless otherwise noted.) (Note 7)
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
VMAXV = VREF x 0.67, VOS1 to VOS2 =
±4V,
VDD = 5V
-2
+2
%
MAXV Threshold Accuracy
VMAXV = VREF x 0.33, VOS1 to VOS2 =
±2V,
VDD = 3V
-3
+3
%
MAXV, MAXI_ Input Bias Current
IMAXV-
BIAS,
IMAXI_-BIAS
VMAXV = VMAXI_ = 0.1V or 1.5V
-0.1
+0.1
µA
CTLI Gain
ACTLI
VCTLI = 0.5V to 2.5V (Note 6)
9.5
10.5
V/V
CTLI Input Resistance
RCTLI
1M
Ω terminated at REF
0.5
2.0
M
Ω
Error-Amp Transconductance
gm
50
160
µS
VITEC Accuracy
VOS1 to VCS =
±100mV
VOS1 = VDD /2
-10
+10
%
Note 3: Enter 1MHz mode by connecting a 60k
Ω resistor from FREQ to ground for the MAX8520, and connecting FREQ to VDD for
the MAX8521.
Note 4: Includes power FET leakage.
Note 5: Duty-cycle specification is guaranteed by design and not production tested.
Note 6: CTLI Gain is defined as:
Note 7: Specifications to -40°C are guaranteed by design and not production tested.
A
V
VV
CTLI
CTLI
OS
CS
=
−
()
∆
∆
1
Typical Operating Characteristics
(VDD = 5V, circuit of Figure 1, TA = +25°C unless otherwise noted)
EFFICIENCY vs. TEC CURRENT
VDD = 5V, RTEC = 2
Ω
TEC CURENT (A)
1.4
1.2
0.8
1
0.4
0.6
0.2
10
20
30
40
50
60
70
80
90
0
0
1.6
FREQ = 500kHz
FREQ = 1MHz
EFFICIENCY vs. TEC CURRENT
VDD = 3.3V, RTEC = 1.3
Ω
TEC CURRENT (A)
1.4
1.2
0.8
1
0.4
0.6
0.2
10
20
30
40
50
60
70
80
90
0
0
1.6
FREQ = 500kHz
FREQ = 1MHz
COMMON-MODE
OUTPUT VOLTAGE RIPPLE
MAX8520/21 toc03
400ns/div
VOS2
20mV/div
AC-COUPLED
VOS1
20mV/div
AC-COUPLED
ITEC = 1A
C2 = C7 = 1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com