Electronic Components Datasheet Search
  English  ▼

X  

MAX8521 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX8521
Description  Smallest TEC Power Drivers for Optical Modules
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8521 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX8521 Datasheet HTML 4Page - Maxim Integrated Products MAX8521 Datasheet HTML 5Page - Maxim Integrated Products MAX8521 Datasheet HTML 6Page - Maxim Integrated Products MAX8521 Datasheet HTML 7Page - Maxim Integrated Products MAX8521 Datasheet HTML 8Page - Maxim Integrated Products MAX8521 Datasheet HTML 9Page - Maxim Integrated Products MAX8521 Datasheet HTML 10Page - Maxim Integrated Products MAX8521 Datasheet HTML 11Page - Maxim Integrated Products MAX8521 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Smallest TEC Power Drivers for Optical
Modules
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VDD = 5V, circuit of Figure 1, TA = +25°C unless otherwise noted)
THERMAL STABILITY,
COOLING MODE
MAX8520/21 toc20
4s/div
TEMPERATURE
0.001
°C/div
TTEC = +25
°C
TA = +45
°C
THERMAL STABILITY,
ROOM TEMPERATURE
MAX8520/21 toc21
4s/div
TEMPERATURE
0.001
°C/div
TTEC = +25
°C
TA = +25
°C
THERMAL STABILITY,
HEATING MODE
MAX8520/21 toc22
4s/div
TEMPERATURE
0.001
°C/div
TTEC = +25
°C
TA = +5
°C
Pin Description
PIN
TQFN
UCSP
NAME
FUNCTION
1
E1, E2
LX1
Inductor Connection. LX1 is high-impedance in shutdown.
2
D1, D2, D3
PGND1
Power Ground 1. Internal synchronous-rectifier ground connection. Connect all PGND
pins together at power ground plane.
3C1
SHDN
Shutdown Control Input. Pull SHDN low to turn off PWM control and ITEC output.
4
C2
COMP
Current-Control Loop Compensation. See the Compensation Capacitor section.
5
B1
ITEC
TEC Current-Monitor Output. The ITEC output voltage is a function of the voltage across
the TEC current-sense resistor. VITEC = VREF + 8 (VOS - VCS). Keep capacitance on ITEC
<150pF.
6
A1
MAXIN
Maximum Negative TEC Current. Connect MAXIN to REF to set default negative current
limit to - 150mV/RSENSE. To lower this current limit, connect MAXIN to a resistor divider
network from REF to GND. The current limit will then be equal to -(VMAXIN/VREF) x
(150mV/RSENSE).
7
A2
MAXIP
Maximum Positive TEC Current. Connect MAXIP to REF to set default positive current limit
to 150mV/RSENSE. To lower this current limit, connect MAXIP to a resistor divider network
from REF to GND. The current limit will then be equal to (VMAXIP/VREF) x (150mV/RSENSE).
8
A3
MAXV
Maximum Bipolar TEC Voltage. Connect MAXV to REF to set default maximum TEC
voltage to VDD. To lower this limit, connect MAXV to a resistor-divider network from REF to
GND. The maximum TEC voltage is equal to 4 x VMAXV or VDD, whichever is lower.
9
A4
REF
1.50V Reference Output. Bypass REF to GND with a 0.1µF ceramic capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com