Electronic Components Datasheet Search
  English  ▼

X  

MAX8521 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX8521
Description  Smallest TEC Power Drivers for Optical Modules
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8521 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX8521 Datasheet HTML 5Page - Maxim Integrated Products MAX8521 Datasheet HTML 6Page - Maxim Integrated Products MAX8521 Datasheet HTML 7Page - Maxim Integrated Products MAX8521 Datasheet HTML 8Page - Maxim Integrated Products MAX8521 Datasheet HTML 9Page - Maxim Integrated Products MAX8521 Datasheet HTML 10Page - Maxim Integrated Products MAX8521 Datasheet HTML 11Page - Maxim Integrated Products MAX8521 Datasheet HTML 12Page - Maxim Integrated Products MAX8521 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Smallest TEC Power Drivers for Optical
Modules
_______________________________________________________________________________________
9
PIN
TQFN
UCSP
NAME
FUNCTION
10
A5
CTLI
TEC Current-Control Input. Sets TEC current. Center point is 1.50V (no TEC current). The
current is given by:
ITEC = (VOS1 - VCS) / RSENSE = (VCTLI - 1.50) / (10 x RSENSE). When (VCTLI - VREF) > 0
then VOS2 > VOS1 > VCS.
11
A6
GND
Analog Ground. Star connect to PGND at underside exposed pad for TQFN package.
12
B6
VDD
Analog Supply Voltage Input. Bypass VDD to GND with a 1µF ceramic capacitor.
For MAX8520: Analog FREQ Set Pin (see the Switching Frequency section).
13
C5
FREQ
For MAX8521: Digital FREQ Selection Pin. Connect to VDD for 1MHz operation, connect to
GND for 500kHz operation. The PWM oscillator can synchronize to FREQ by switching at
FREQ between 700kHz and 1.2MHz.
14
D6, D5, D4
PGND2
Power Ground 2. Internal synchronous rectifier ground connection. Connect all PGND
pins together at the power ground plane.
15
E5, E6
LX2
Inductor Connection. LX2 is high-impedance in shutdown.
16
F5, F6
PVDD2
Power Input 2. Connect all PVDD inputs together at the VDD power plane.
17
F4
CS
Current-Sense Input. The current through the TEC is monitored between CS and OS1. The
maximum TEC current is given by 150mV/RSENSE and is bipolar.
18
C6
OS2
Output Sense 2. OS2 senses one side of the differential TEC voltage. OS2 is a sense
point, not a power output. OS2 discharges to ground in shutdown.
19
F3
OS1
Output Sense 1. OS1 senses one side of the differential TEC voltage. OS1 is a sense
point, not a power output. OS1 discharges to ground in shutdown.
20
F1, F2
PVDD1
Power Input 1. Connect all PVDD inputs together at the VDD power plane.
B2, B5, C3,
C4
GND2
Ground. Additional ground pads aid in heat dissipation. Short to either GND or PGND
plane.
B3, B4
E3, E4
N.C.
No Connect. Connect N.C. pads to GND2 to aid in heat dissipation.
——
EP
Exposed Paddle (TQFN Only). Internally connected to GND. Connect to a large ground
plane to maximize thermal performance. Not intended as an electrical connection point.
Pin Description (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com