Electronic Components Datasheet Search
  English  ▼

X  

MAX8521 Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX8521
Description  Smallest TEC Power Drivers for Optical Modules
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8521 Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX8521 Datasheet HTML 10Page - Maxim Integrated Products MAX8521 Datasheet HTML 11Page - Maxim Integrated Products MAX8521 Datasheet HTML 12Page - Maxim Integrated Products MAX8521 Datasheet HTML 13Page - Maxim Integrated Products MAX8521 Datasheet HTML 14Page - Maxim Integrated Products MAX8521 Datasheet HTML 15Page - Maxim Integrated Products MAX8521 Datasheet HTML 16Page - Maxim Integrated Products MAX8521 Datasheet HTML 17Page - Maxim Integrated Products MAX8521 Datasheet HTML 18Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
6) To ensure high DC-loop gain and minimum loop
error, keep the board layout adjacent to the negative
input pin of the integrator (U2 in Figure1) clean and free
of moisture. Any contamination or leakage current into
this node can act to lower the DC gain of the integrator
which can degrade the accuracy of the thermal loop. If
space is available, it can also be helpful to surround the
negative input node of the integrator with a grounded
guard ring.
Refer to the MAX8520/MAX8521 evaluation kit for a
PCB layout example.
Chip Information
PROCESS: BiCMOS
Smallest TEC Power Drivers for Optical
Modules
16
______________________________________________________________________________________
13
12
11
14
15
VDD
FREQ
PGND2
LX2
GND
4
3
2
1
COMP
SHDN
PGND1
LX1
5
ITEC
MAX8520/
MAX8521
TOP VIEW
THIN QFN
+
F6
PVDD2
LX2
LX2
LX1
LX1
PGND2 PGND2 PGND2 PGND1 PGND1 PGND1
OS2
FREQ
GND2
GND2
COMP
SHDN
VDD
GND2
GND2
ITEC
GND
CTLI
REF
MAXV
MAX8521
MAXIP MAXIN
PVDD2
CS
OS1
PVDD1PVDD1
F5
F4
F3
F2
F1
E6
E5
E2
E1
D6
D5
D4
D3
D2
D1
C6
C5
C4
C3
C2
C1
B6
B5
B2
B1
A6
A5
A4
A3
A2
A1
UCSP
Pin Configurations
Package Information
For the latest package outline information and land patterns, go to www.maxim-ic.com/packages.
PACKAGE TYPE
PACKAGE CODE
DOCUMENT NO.
20 TQFN-EP
T2055-4
21-0140
6 x 6 UCSP
B36-2
21-0082
36 WLP
W363A3+2
21-0024



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com