Electronic Components Datasheet Search
  English  ▼

X  

MAX8521 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX8521
Description  Smallest TEC Power Drivers for Optical Modules
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8521 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX8521 Datasheet HTML 1Page - Maxim Integrated Products MAX8521 Datasheet HTML 2Page - Maxim Integrated Products MAX8521 Datasheet HTML 3Page - Maxim Integrated Products MAX8521 Datasheet HTML 4Page - Maxim Integrated Products MAX8521 Datasheet HTML 5Page - Maxim Integrated Products MAX8521 Datasheet HTML 6Page - Maxim Integrated Products MAX8521 Datasheet HTML 7Page - Maxim Integrated Products MAX8521 Datasheet HTML 8Page - Maxim Integrated Products MAX8521 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Smallest TEC Power Drivers for Optical
Modules
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS
(VDD = VPVDD1 = VPVDD2 = VSHDN = 5V, 1MHz mode (Note2). PGND1 = PGND2 = GND, CTLI = MAXV = MAXIP = MAXIN = REF,
TA = -40°C to +85°C, unless otherwise noted.) (Note 7)
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
Input Supply Range
VDD
3.0
5.5
V
Maximum TEC Current
±1.5
A
Reference Voltage
VREF
VDD = 3V to 5.5V, IREF = 150µA
1.480
1.515
V
Reference Load Regulation
∆VREF
VDD = 3V to 5V, IREF = 10µA to 1mA
5
mV
VMAXI_ = VREF
140
160
VDD = 5V
VMAXI_ = VREF/3
40
60
VMAXI_ = VREF
143
155
MAXIP/MAXIN Threshold
Accuracy
VDD = 3V
VMAXI_ = VREF/3
45
55
mV
VDD = 5V, I = 0.2A
0.14
NFET On-Resistance
RDS(ON-N)
VDD = 3V, I = 0.2A
0.16
Ω
VDD = 5V, I = 0.2A
0.23
PFET On-Resistance
RDS(ON-P)
VDD = 3V, I = 0.2A
0.30
Ω
500kHz mode
14
VCOMP = VREF =
1.500V, VDD = 5V
1MHz mode
21
500kHz mode
11
No Load Supply Current
IDD(NO
LOAD)
VCOMP = VREF =
1.500V, VDD = 3.3V
1MHz mode
14
mA
Shutdown Supply Current
IDD-SD
SHDN = GND, VDD = 5V, (Note 4)
3
mA
VDD Rising
2.50
2.80
UVLO Threshold
VUVLO
VDD Falling
2.40
2.70
V
MAX8521, FREQ = VDD, VDD = 3V to 5V
0.8
1.2
MAX8521, FREQ = 0, VDD = 3V to 5V
0.4
0.6
MAX8520, REXT = 60k
Ω, VDD = 5V
0.8
1.2
MAX8520, REXT = 60k
Ω, VDD = 3V
0.76
1.10
MAX8520, REXT = 150k
Ω, VDD = 5V
0.4
0.6
Internal Oscillator Switching
Frequency
fSW-INT
MAX8520, REXT = 150k
Ω, VDD = 3V
0.36
0.56
MHz
External Sync Frequency Range
25% < duty cycle <75% (MAX8521 only)
0.7
1.2
MHz
LX_ Duty Cycle
Note 5
0
100
%
OS1, OS2, CS Input Current
IOS1, IOS2,
ICS
0 or VDD
-100
+100
µA
SHDN, FREQ Input Current
ISHDN,
IFREQ
0 or VDD, FREQ applicable for the MAX8521
only
-5
+5
µA
SHDN, FREQ Input Low Voltage
VIL
VDD = 3V to 5.5V, FREQ applicable for the
MAX8521 only
VDD x
0.25
V
SHDN, FREQ Input High Voltage
VIH
VDD = 3V to 5.5V, FREQ applicable for the
MAX8521 only
VDD x
0.75
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com