Electronic Components Datasheet Search
  English  ▼

X  

MAX8521 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX8521
Description  Smallest TEC Power Drivers for Optical Modules
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8521 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX8521 Datasheet HTML 1Page - Maxim Integrated Products MAX8521 Datasheet HTML 2Page - Maxim Integrated Products MAX8521 Datasheet HTML 3Page - Maxim Integrated Products MAX8521 Datasheet HTML 4Page - Maxim Integrated Products MAX8521 Datasheet HTML 5Page - Maxim Integrated Products MAX8521 Datasheet HTML 6Page - Maxim Integrated Products MAX8521 Datasheet HTML 7Page - Maxim Integrated Products MAX8521 Datasheet HTML 8Page - Maxim Integrated Products MAX8521 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
General Description
The MAX8520/MAX8521 are designed to drive thermo-
electric coolers (TECs) in space-constrained optical
modules. Both devices deliver ±1.5A output current
and control the TEC current to eliminate harmful current
surges. On-chip FETs minimize external components
and high switching frequency reduces the size of exter-
nal components.
The MAX8520/MAX8521 operate from a single supply and
bias the TEC between the outputs of two synchronous
buck regulators. This operation allows for temperature
control without “dead zones” or other nonlinearities at
low current. This arrangement ensures that the control
system does not hunt when the set-point is very close
to the natural operating point, requiring a small amount
of heating or cooling. An analog control signal precisely
sets the TEC current.
Both devices feature accurate, individually-adjustable
heating current limit and cooling current limit along with
maximum TEC voltage limit to improve the reliability of
optical modules. An analog output signal monitors the
TEC current. A unique ripple cancellation scheme helps
reduce noise.
The MAX8520 is available in a 5mm x 5mm thin QFN
package and its switching frequency is adjustable up
to 1MHz through an external resistor. The MAX8521 is
also available in a 5mm x 5mm thin QFN as well as
space-saving 3mm x 3mm UCSP™ and 36-bump WLP
(3mm x 3mm) packages, with a pin-selectable switch-
ing frequency of 500kHz or 1MHz.
Applications
SFF/SFP Modules
Fiber Optic Laser Modules
Fiber Optic Network Equipment
ATE
Biotech Lab Equipment
Features
o Circuit Footprint 0.31in2
o Low Profile Design
o On-Chip Power MOSFETs
o High-Efficiency Switch-Mode Design
o Ripple Cancellation for Low Noise
o Direct Current Control Prevents TEC Current
Surges
o 5% Accurate Adjustable Heating/Cooling Current
Limits
o 2% Accurate TEC Voltage Limit
o No Dead Zone or Hunting at Low Output Current
o ITEC Monitors TEC Current
o 1% Accurate Voltage Reference
o Switching Frequency up to 1MHz
o Synchronization (MAX8521)
Smallest TEC Power Drivers for Optical
Modules
________________________________________________________________
Maxim Integrated Products
1
Ordering Information
19-2586; Rev 1; 12/08
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
PART
TEMP RANGE
PIN-PACKAGE
MAX8520ETP
-40
°C to +85°C 20 Thin QFN-EP* 5mm x 5mm
MAX8521EBX
-40
°C to +85°C 6 x 6 UCSP 3mm x 3mm
MAX8521ETP
-40
°C to +85°C 20 Thin QFN-EP* 5mm x 5mm
MAX8521EWX+
-40
°C to +85°C 36 WLP** 3mm x 3mm
UCSP is a trademark of Maxim Integrated Products, Inc.
INPUT
3V TO 5.5V
VDD
PVDD
COMP
GND
SHDN
ITEC
ON
OFF
TEC CURRENT
MONITOR
CTLI
LX1
PGND1
CS
OS1
OS2
LX2
PGND2
TEC
ITEC =
± 1.5A
REF
CURRENT-
CONTROL
SIGNAL
FREQ
ANALOG /DIGITAL
TEMPERATURE CONTROL
OUTPUT
MAX8521
Typical Operating Circuit
Pin Configurations appear at end of data sheet
+
Denotes a lead(Pb)-free/RoHS-compliant package.
*
EP = Exposed pad.
**
Four center bumps depopulated.


Similar Part No. - MAX8521

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8521 MAXIM-MAX8521 Datasheet
605Kb / 19P
Smallest TEC Power Drivers for Optical Modules
Rev 0; 10/02
MAX8521EBX MAXIM-MAX8521EBX Datasheet
605Kb / 19P
Smallest TEC Power Drivers for Optical Modules
Rev 0; 10/02
MAX8521EBX MAXIM-MAX8521EBX Datasheet
342Kb / 18P
Smallest TEC Power Drivers for Optical Modules Low Profile Design
Rev 2; 2/11
MAX8521ETP MAXIM-MAX8521ETP Datasheet
99Kb / 8P
MAXIM INTEGRATED PRODUCTS
Rev. A June 29, 2003
MAX8521ETP MAXIM-MAX8521ETP Datasheet
605Kb / 19P
Smallest TEC Power Drivers for Optical Modules
Rev 0; 10/02
More results

Similar Description - MAX8521

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1968 MAXIM-MAX1968 Datasheet
368Kb / 16P
Power Drivers for Peltier TEC Modules
19-2447; Rev 0; 4/02
logo
List of Unclassifed Man...
80C01 ETC-80C01 Datasheet
182Kb / 12P
OPTICAL SAMPLING MODULES
logo
Maxim Integrated Produc...
MAX8520 MAXIM-MAX8520 Datasheet
605Kb / 19P
Smallest TEC Power Drivers for Optical Modules
Rev 0; 10/02
logo
Tyco Electronics
1EGG1-1 MACOM-1EGG1-1 Datasheet
85Kb / 2P
Smallest Filtered Power Entry Modules with Metric Fuseholders
1EGG1-1 MACOM-1EGG1-1_1 Datasheet
71Kb / 2P
Smallest Filtered Power Entry Modules with Metric Fuseholders
logo
Maxim Integrated Produc...
MAX8520 MAXIM-MAX8520_11 Datasheet
342Kb / 18P
Smallest TEC Power Drivers for Optical Modules Low Profile Design
Rev 2; 2/11
MAX1968 MAXIM-MAX1968_07 Datasheet
455Kb / 16P
Power Drivers for Peltier TEC Modules
Rev 2; 2/07
MAX1968 MAXIM-MAX1968_15 Datasheet
294Kb / 16P
Power Drivers for Peltier TEC Modules
Rev 3; 5/15
logo
TT Electronics.
MFP TTELEC-MFP Datasheet
331Kb / 2P
Smallest size for power rating
MFR4P TTELEC-MFR4P Datasheet
343Kb / 2P
smallest size for power rating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com