Electronic Components Datasheet Search
  English  ▼

X  

MAX11008 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX11008
Description  Dual RF LDMOS Bias Controller with Nonvolatile Memory
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11008 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX11008 Datasheet HTML 7Page - Maxim Integrated Products MAX11008 Datasheet HTML 8Page - Maxim Integrated Products MAX11008 Datasheet HTML 9Page - Maxim Integrated Products MAX11008 Datasheet HTML 10Page - Maxim Integrated Products MAX11008 Datasheet HTML 11Page - Maxim Integrated Products MAX11008 Datasheet HTML 12Page - Maxim Integrated Products MAX11008 Datasheet HTML 13Page - Maxim Integrated Products MAX11008 Datasheet HTML 14Page - Maxim Integrated Products MAX11008 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 67 page
background image
Dual RF LDMOS Bias Controller with
Nonvolatile Memory
______________________________________________________________________________________
11
-1.00
-0.75
-0.50
-0.25
0
0.25
0.50
0.75
1.00
0
1024
2048
3072
4096
ADC INTEGRAL NONLINEARITY
vs. OUTPUT CODE
OUTPUT CODE
-1.00
-0.75
-0.50
-0.25
0
0.25
0.50
0.75
1.00
0
1024
2048
3072
4096
ADC DIFFERENTIAL NONLINEARITY
vs. OUTPUT CODE
OUTPUT CODE
60
70
65
75
80
0.1
10
1
100
1000
ADC SINAD vs. FREQUENCY
FREQUENCY (kHz)
50
60
80
70
90
100
0.1
10
1
100
1000
ADC SFDR vs. FREQUENCY
FREQUENCY (kHz)
3
4
6
5
7
8
0.1
10
1
100
1000
DIGITAL SUPPLY CURRENT
vs. SAMPLING RATE
SAMPLING RATE (ksps)
AVDD = DVDD = 5V
2.5026
2.5024
2.5022
2.5020
2.5018
4.750
5.000
4.875
5.125
5.250
ADC INTERNAL REFERENCE VOLTAGE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
AVDD = DVDD
Typical Operating Characteristics (continued)
(AVDD = DVDD = 5V, external VREFADC = 2.5V, external VREFDAC = 2.5V, VCS_- = VCS_+ = 32V, CREF = 0.1µF, TA = +25°C, unless oth-
erwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com