Electronic Components Datasheet Search
  English  ▼

X  

MAX11008 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX11008
Description  Dual RF LDMOS Bias Controller with Nonvolatile Memory
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11008 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX11008 Datasheet HTML 17Page - Maxim Integrated Products MAX11008 Datasheet HTML 18Page - Maxim Integrated Products MAX11008 Datasheet HTML 19Page - Maxim Integrated Products MAX11008 Datasheet HTML 20Page - Maxim Integrated Products MAX11008 Datasheet HTML 21Page - Maxim Integrated Products MAX11008 Datasheet HTML 22Page - Maxim Integrated Products MAX11008 Datasheet HTML 23Page - Maxim Integrated Products MAX11008 Datasheet HTML 24Page - Maxim Integrated Products MAX11008 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 67 page
background image
Slave Address
A bus master initiates communication with a slave
device by issuing a START condition followed by the 7-
bit slave address and a read/
write (R/W) bit (see Figure
7). When the device recognizes its slave address, it is
ready to accept or send data depending on the R/
W
bit. When the MAX11008 recognizes its slave address,
it issues an ACK by pulling SDA low for one clock cycle
and is ready to accept or send data depending on the
R/
W bit that was sent.
The MAX11008 has eight user-selectable slave address-
es, which are set through inputs A0, A1, and A2 (see
Table 1). This feature allows up to eight MAX11008
devices to share the same bus inputs. The 4 MSBs D[7:4]
are factory set, and the 3 LSBs are user-selectable.
Bus Timing
At power-up, the bus timing is set for I2C fast-mode
(F/S mode), which allows I2C clock rates up to 400kHz.
The MAX11008 can also operate in high-speed mode
(HS mode) to achieve I2C clock rates up to 3.4MHz.
See Figure 4 for I2C bus timing.
HS I2C Mode
Select HS mode by addressing all devices on the bus
with the HS-mode master code 0000 1XXX (X = don’t
care). After successfully receiving the HS-mode master
code, the MAX11008 issues a NACK, allowing SDA to
be pulled high for one clock cycle (see Figure 8). After
the NACK, the MAX11008 operates in HS mode. The
master must then send a repeated START (Sr) followed
by a slave address to initiate HS-mode communication.
If the master generates a STOP condition, the
Dual RF LDMOS Bias Controller with
Nonvolatile Memory
______________________________________________________________________________________
21
SDA
SCL
0
0
A2
A1
A0
R/W
A
12
34
5
6
7
8
9
S
1
1
Figure 7. Slave Address Bits
SDA
12
34
00
00
56
7
8
1X
X
X
9
A
Sr
HS MODE
F/S MODE
Figure 8. F/S-Mode to HS-Mode Transfer
A2
A1
A0
ADDRESS
0
0
0
0101000
0
0
1
0101001
0
1
0
0101010
0
1
1
0101011
1
0
0
0101100
1
0
1
0101101
1
1
0
0101110
1
1
1
0101111
Table 1. Slave Address Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com